Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 16 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 16 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 12Page - Winbond W25Q128FVCIP Datasheet HTML 13Page - Winbond W25Q128FVCIP Datasheet HTML 14Page - Winbond W25Q128FVCIP Datasheet HTML 15Page - Winbond W25Q128FVCIP Datasheet HTML 16Page - Winbond W25Q128FVCIP Datasheet HTML 17Page - Winbond W25Q128FVCIP Datasheet HTML 18Page - Winbond W25Q128FVCIP Datasheet HTML 19Page - Winbond W25Q128FVCIP Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
W25Q128FV
- 15 -
6.2
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern, the W25Q128FV
provides several means to protect the data from inadvertent writes.
6.2.1
Write Protect Features
•
Device resets when VCC is below threshold
•
Time delay write disable after Power-up
•
Write enable/disable instructions and automatic write disable after erase or program
•
Software and Hardware (/WP pin) write protection using Status Registers
•
Additional Individual Block/Sector Locks for array protection
•
Write Protection using Power-down instruction
•
Lock Down write protection for Status Register until the next power-up
•
One Time Program (OTP) write protection for array and Security Registers using Status Register
*
* Note: This feature is available upon special order. Please contact Winbond for details.
Upon power-up or at power-down, the W25Q128FV will maintain a reset condition while VCC is below the
threshold value of VWI, (See Power-up Timing and Voltage Levels and Figure 43). While reset, all
operations are disabled and no instructions are recognized. During power-up and after the VCC voltage
exceeds VWI, all program and erase related instructions are further disabled for a time delay of tPUW. This
includes the Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and the Write Status
Register instructions. Note that the chip select pin (/CS) must track the VCC supply level at power-up until
the VCC-min level and tVSL time delay is reached, and it must also track the VCC supply level at power-
down to prevent adverse command sequence. If needed a pull-up resister on /CS can be used to
accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a Page Program, Sector
Erase, Block Erase, Chip Erase or Write Status Register instruction will be accepted. After completing a
program, erase or write instruction the Write Enable Latch (WEL) is automatically cleared to a write-
disabled state of 0.
Software controlled write protection is facilitated using the Write Status Register instruction and setting the
Status Register Protect (SRP0, SRP1) and Block Protect (CMP, SEC, TB, BP[2:0]) bits. These settings
allow a portion or the entire memory array to be configured as read only. Used in conjunction with the
Write Protect (/WP) pin, changes to the Status Register can be enabled or disabled under hardware
control. See Status Register section for further information. Additionally, the Power-down instruction offers
an extra level of write protection as all instructions are ignored except for the Release Power-down
instruction.
The W25Q128FV also provides another Write Protect method using the Individual Block Locks. Each
64KB block (except the top and bottom blocks, total of 510 blocks) and each 4KB sector within the
top/bottom blocks (total of 32 sectors) are equipped with an Individual Block Lock bit. When the lock bit is
0, the corresponding sector or block can be erased or programmed; when the lock bit is set to 1, Erase or
Program commands issued to the corresponding sector or block will be ignored. When the device is
powered on, all Individual Block Lock bits will be 1, so the entire memory array is protected from
Erase/Program. An “Individual Block Unlock (39h)” instruction must be issued to unlock any specific sector
or block.
The WPS bit in Status Register-3 is used to decide which Write Protect scheme should be used. When
WPS=0 (factory default), the device will only utilize CMP, SEC, TB, BP[2:0] bits to protect specific areas of
the array; when WPS=1, the device will utilize the Individual Block Locks for write protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com