Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 67Page - Winbond W25Q128FVCIP Datasheet HTML 68Page - Winbond W25Q128FVCIP Datasheet HTML 69Page - Winbond W25Q128FVCIP Datasheet HTML 70Page - Winbond W25Q128FVCIP Datasheet HTML 71Page - Winbond W25Q128FVCIP Datasheet HTML 72Page - Winbond W25Q128FVCIP Datasheet HTML 73Page - Winbond W25Q128FVCIP Datasheet HTML 74Page - Winbond W25Q128FVCIP Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 70 -
Revision D
8.2.34 Set Read Parameters (C0h)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum read
frequency or minimum data access latency, “Set Read Parameters (C0h)” instruction can be used to
configure the number of dummy clocks for “Fast Read (0Bh)”, “Fast Read Quad I/O (EBh)” & “Burst Read
with Wrap (0Ch)” instructions, and to configure the number of bytes of “Wrap Length” for the “Burst Read
with Wrap (0Ch)” instruction.
In Standard SPI mode, the “Set Read Parameters (C0h)” instruction is not accepted. The dummy clocks
for various Fast Read instructions in Standard/Dual/Quad SPI mode are fixed, please refer to the
Instruction Table 1-2 for details. The “Wrap Length” is set by W5-4 bit in the “Set Burst with Wrap (77h)”
instruction. This setting will remain unchanged when the device is switched from Standard SPI mode to
QPI mode.
The default “Wrap Length” after a power up or a Reset instruction is 8 bytes, the default number of
dummy clocks is 2. The number of dummy clocks is only programmable for “Fast Read (0Bh)”, “Fast
Read Quad I/O (EBh)” & “Burst Read with Wrap (0Ch)” instructions in the QPI mode. Whenever the
device is switched from SPI mode to QPI mode, the number of dummy clocks should be set again, prior to
any 0Bh, EBh or 0Ch instructions.
P5 – P4
DUMMY
CLOCKS
MAXIMUM
READ FREQ.
MAXIMUM
READ FREQ.
(A[1:0]=0,0)
MAXIMUM
READ FREQ.
(A[1:0]=0,0
VCC=3.0V~3.6V)
P1 – P0
WRAP
LENGTH
0 0
2
33MHz
33MHz
40MHz
0 0
8-byte
0 1
4
55MHz
80MHz
80MHz
0 1
16-byte
1 0
6
80MHz
80MHz
104MHz
1 0
32-byte
1 1
8
80MHz
80MHz
104MHz
1 1
64-byte
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
C0h
2
3
Read
Parameters
P4
P0
P5
P1
P6
P2
P7
P3
Instruction
Mode 0
Mode 3
Figure 48. Set Read Parameters Instruction (QPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com