Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 41 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 41 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 37Page - Winbond W25Q128FVCIP Datasheet HTML 38Page - Winbond W25Q128FVCIP Datasheet HTML 39Page - Winbond W25Q128FVCIP Datasheet HTML 40Page - Winbond W25Q128FVCIP Datasheet HTML 41Page - Winbond W25Q128FVCIP Datasheet HTML 42Page - Winbond W25Q128FVCIP Datasheet HTML 43Page - Winbond W25Q128FVCIP Datasheet HTML 44Page - Winbond W25Q128FVCIP Datasheet HTML 45Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 40 -
Revision D
8.2.11 Fast Read Quad I/O (EBh)
The Fast Read Quad I/O (EBh) instruction is similar to the Fast Read Dual I/O (BBh) instruction except
that address and data bits are input and output through four pins IO0, IO1, IO2 and IO3 and four Dummy
clocks are required in SPI mode prior to the data output. The Quad I/O dramatically reduces instruction
overhead allowing faster random access for code execution (XIP) directly from the Quad SPI. The Quad
Enable bit (QE) of Status Register-2 must be set to enable the Fast Read Quad I/O Instruction.
Fast Read Quad I/O with “Continuous Read Mode”
The Fast Read Quad I/O instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in Figure 24a. The
upper nibble of the (M7-4) controls the length of the next Fast Read Quad I/O instruction through the
inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care
(“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Quad I/O instruction (after /CS
is raised and then lowered) does not require the EBh instruction code, as shown in Figure 24b. This
reduces the instruction sequence by eight clocks and allows the Read address to be immediately entered
after /CS is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next
instruction (after /CS is raised and then lowered) requires the first byte instruction code, thus returning to
normal operation. It is recommended to input FFh on IO0 for the next instruction (8 clocks), to ensure M4
= 1 and return the device to normal operation.
M7-0
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
2
IO
3
3
4
5
20
16
12
8
21
17
22
18
Figure 24a. Fast Read Quad I/O Instruction (Initial instruction or previous M5-4
≠10, SPI Mode)
23
19
13
9
14
10
15
11
A23-16
6
7
8
9
4
0
5
1
6
2
7
3
A15-8
A7-0
4
Byte 1
Byte 2
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
10
11
12
13
14
4
5
6
7
IOs switch from
Input to Output
Byte 3
15
16
17
18
19
20
21
22
23
Dummy
Dummy
Instruction (EBh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com