Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 200Page - Microchip Technology PIC16F690IP Datasheet HTML 201Page - Microchip Technology PIC16F690IP Datasheet HTML 202Page - Microchip Technology PIC16F690IP Datasheet HTML 203Page - Microchip Technology PIC16F690IP Datasheet HTML 204Page - Microchip Technology PIC16F690IP Datasheet HTML 205Page - Microchip Technology PIC16F690IP Datasheet HTML 206Page - Microchip Technology PIC16F690IP Datasheet HTML 207Page - Microchip Technology PIC16F690IP Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 202
© 2008 Microchip Technology Inc.
14.2.4
BROWN-OUT RESET (BOR)
The BOREN0 and BOREN1 bits in the Configuration
Word register select one of four BOR modes. Two
modes have been added to allow software or hardware
control of the BOR enable. When BOREN<1:0> = 01,
the SBOREN bit (PCON<4>) enables/disables the
BOR allowing it to be controlled in software. By
selecting BOREN<1:0>, the BOR is automatically
disabled in Sleep to conserve power and enabled on
wake-up. In this mode, the SBOREN bit is disabled.
See Register 14-2 for the Configuration Word
definition.
If VDD falls below VBOR for greater than parameter
(TBOR) (see Section 17.0 “Electrical Specifications”),
the Brown-out situation will reset the device. This will
occur regardless of VDD slew rate. A Reset is not insured
to occur if VDD falls below VBOR for less than parameter
(TBOR).
On any Reset (Power-on, Brown-out Reset, Watchdog
Timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 14-3). The Power-up Timer
will now be invoked, if enabled and will keep the chip in
Reset an additional 64 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
FIGURE 14-3:
BROWN-OUT SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
64 ms(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOR
VDD
Internal
Reset
Note 1: 64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com