Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 197Page - Microchip Technology PIC16F690IP Datasheet HTML 198Page - Microchip Technology PIC16F690IP Datasheet HTML 199Page - Microchip Technology PIC16F690IP Datasheet HTML 200Page - Microchip Technology PIC16F690IP Datasheet HTML 201Page - Microchip Technology PIC16F690IP Datasheet HTML 202Page - Microchip Technology PIC16F690IP Datasheet HTML 203Page - Microchip Technology PIC16F690IP Datasheet HTML 204Page - Microchip Technology PIC16F690IP Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 199
PIC16F631/677/685/687/689/690
REGISTER 14-1:
CONFIG: CONFIGURATION WORD REGISTER
Reserved
Reserved
FCMEN
IESO
BOREN1(1)
BOREN0(1)
CPD(2
bit 13
bit 7
CP(3)
MCLRE(4)
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
bit 6
bit 0
Legend:
R = Readable bit
W = Writable bit
P = Programmable’
U = Unimplemented
bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-12
Reserved: Reserved bits. Do Not Use.
bit 11
FCMEN: Fail-Safe Clock Monitor Enabled bit
1
= Fail-Safe Clock Monitor is enabled
0
= Fail-Safe Clock Monitor is disabled
bit 10
IESO: Internal External Switchover bit
1
= Internal External Switchover mode is enabled
0
= Internal External Switchover mode is disabled
bit 9-8
BOREN<1:0>: Brown-out Reset Selection bits(1)
11
= BOR enabled
10
= BOR enabled during operation and disabled in Sleep
01
= BOR controlled by SBOREN bit of the PCON register
00
= BOR disabled
bit 7
CPD: Data Code Protection bit(2)
1
= Data memory code protection is disabled
0
= Data memory code protection is enabled
bit 6
CP: Code Protection bit(2)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 5
MCLRE: MCLR Pin Function Select bit(4)
1
= MCLR pin function is MCLR
0
= MCLR pin function is digital input, MCLR internally tied to VDD
bit 4
PWRTE: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111
=
RC oscillator: CLKOUT function on RA4/OSC2/CLKOUT pin, RC on RA5/OSC1/CLKIN
110
=
RCIO oscillator: I/O function on RA4/OSC2/CLKOUT pin, RC on RA5/OSC1/CLKIN
101
=
INTOSC oscillator: CLKOUT function on RA4/OSC2/CLKOUT pin,
I/O function on RA5/OSC1/CLKIN
100
=
INTOSCIO oscillator: I/O function on RA4/OSC2/CLKOUT pin,
I/O function on RA5/OSC1/CLKIN
011
=
EC: I/O function on RA4/OSC2/CLKOUT pin, CLKIN on RA5/OSC1/CLKIN
010
=
HS oscillator: High-speed crystal/resonator on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
001
=
XT oscillator: Crystal/resonator on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
000
=
LP oscillator: Low-power crystal on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire data EEPROM will be erased when the code protection is turned off.
3:
The entire program memory will be erased when the code protection is turned off.
4:
When MCLR is asserted in INTOSC or RC mode, the internal clock oscillator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com