Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 201Page - Microchip Technology PIC16F690IP Datasheet HTML 202Page - Microchip Technology PIC16F690IP Datasheet HTML 203Page - Microchip Technology PIC16F690IP Datasheet HTML 204Page - Microchip Technology PIC16F690IP Datasheet HTML 205Page - Microchip Technology PIC16F690IP Datasheet HTML 206Page - Microchip Technology PIC16F690IP Datasheet HTML 207Page - Microchip Technology PIC16F690IP Datasheet HTML 208Page - Microchip Technology PIC16F690IP Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 203
PIC16F631/677/685/687/689/690
14.2.5
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows: first,
PWRT time-out is invoked after POR has expired, then
OST is activated after the PWRT time-out has expired.
The total time-out will vary based on oscillator
configuration and PWRTE bit status. For example, in
EC mode with PWRTE bit erased (PWRT disabled),
there will be no time-out at all. Figures 14-4, 14-5
and 14-6 depict time-out sequences. The device can
execute code from the INTOSC while OST is active by
enabling Two-Speed Start-up or Fail-Safe Monitor (see
Section 3.7.2 “Two-speed Start-up Sequence” and
Section 3.8 “Fail-Safe Clock Monitor”).
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then,
bringing MCLR high will begin execution immediately
(see Figure 14-5). This is useful for testing purposes or
to synchronize more than one PIC16F631/677/685/
687/689/690 device operating in parallel.
Table 14-5 shows the Reset conditions for some
special registers, while Table 14-4 shows the Reset
conditions for all the registers.
14.2.6
POWER CONTROL (PCON)
REGISTER
The Power Control register PCON (address 8Eh) has
two Status bits to indicate what type of Reset that last
occurred.
Bit 0 is BOR (Brown-out Reset). BOR is unknown on
Power-on Reset. It must then be set by the user and
checked on subsequent Resets to see if BOR = 0,
indicating that a Brown-out has occurred. The BOR
Status bit is a “don’t care” and is not necessarily
predictable if the brown-out circuit is disabled
(BOREN<1:0>
= 00 in the Configuration Word
register).
Bit 1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a
subsequent Reset, if POR is ‘0’, it will indicate that a
Power-on Reset has occurred (i.e., VDD may have
gone too low).
For more information, see Section 4.2.4 “Ultra Low-
Power Wake-up” and Section 14.2.4 “Brown-out
Reset (BOR)”.
TABLE 14-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 14-2:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
TABLE 14-3:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT
Oscillator Configuration
Power-up
Brown-out Reset
Wake-up from
Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT +
1024 • TOSC
1024 • TOSC
TPWRT +
1024 • TOSC
1024 • TOSC
1024 • TOSC
LP, T1OSCIN = 1
TPWRT
—TPWRT
——
RC, EC, INTOSC
TPWRT
—TPWRT
——
POR
BOR
TO
PD
Condition
0x11
Power-on Reset
u011
Brown-out Reset
uu0u
WDT Reset
uu00
WDT Wake-up
uuuu
MCLR Reset during normal operation
uu10
MCLR Reset during Sleep
Legend: u = unchanged, x = unknown
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PCON
—
—
ULPWUE
SBOREN
—
—POR
BOR
--01 --qq
--0u --uu
STATUS
IRP
RP1
RPO
TO
PD
Z
DC
C
0001 1xxx
000q quuu
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition. Shaded cells are not used by BOR.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com