Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 195Page - Microchip Technology PIC16F690IP Datasheet HTML 196Page - Microchip Technology PIC16F690IP Datasheet HTML 197Page - Microchip Technology PIC16F690IP Datasheet HTML 198Page - Microchip Technology PIC16F690IP Datasheet HTML 199Page - Microchip Technology PIC16F690IP Datasheet HTML 200Page - Microchip Technology PIC16F690IP Datasheet HTML 201Page - Microchip Technology PIC16F690IP Datasheet HTML 202Page - Microchip Technology PIC16F690IP Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 197
PIC16F631/677/685/687/689/690
14.0 SPECIAL FEATURES OF THE
CPU
The PIC16F631/677/685/687/689/690 have a host of
features intended to maximize system reliability,
minimize cost through elimination of external compo-
nents, provide power saving features and offer code
protection.
These features are:
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Oscillator selection
• Sleep
• Code protection
• ID Locations
• In-Circuit Serial Programming
The PIC16F631/677/685/687/689/690 have two timers
that offer necessary delays on power-up. One is the
Oscillator Start-up Timer (OST), intended to keep the
chip in Reset until the crystal oscillator is stable. The
other is the Power-up Timer (PWRT), which provides a
fixed delay of 64 ms (nominal) on power-up only,
designed to keep the part in Reset while the power
supply stabilizes. There is also circuitry to reset the
device if a brown-out occurs, which can use the Power-
up Timer to provide at least a 64 ms Reset. With these
three functions-on-chip, most applications need no
external Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-down mode. The user can wake-up from Sleep
through:
• External Reset
• Watchdog Timer Wake-up
• An interrupt
Several oscillator options are also made available to
allow the part to fit the application. The INTOSC option
saves system cost while the LP crystal option saves
power. A set of Configuration bits are used to select
various options (see Register 14-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com