Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 198 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 198 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 194Page - Microchip Technology PIC16F690IP Datasheet HTML 195Page - Microchip Technology PIC16F690IP Datasheet HTML 196Page - Microchip Technology PIC16F690IP Datasheet HTML 197Page - Microchip Technology PIC16F690IP Datasheet HTML 198Page - Microchip Technology PIC16F690IP Datasheet HTML 199Page - Microchip Technology PIC16F690IP Datasheet HTML 200Page - Microchip Technology PIC16F690IP Datasheet HTML 201Page - Microchip Technology PIC16F690IP Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 196
© 2008 Microchip Technology Inc.
FIGURE 13-12:
CLOCK SYNCHRONIZATION TIMING
TABLE 13-4:
REGISTERS ASSOCIATED WITH I2C™ OPERATION(1)
Addr
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
0Bh/8Bh/
10Bh/18Bh
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x
0000 000x
0Ch
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
1111 ----
93h
SSPMSK(2)
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
1111 1111
1111 1111
94h
SSPSTAT
SMP(3)
CKE(3)
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
8Ch
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IF
TMR1IF
-000 0000
-000 0000
Legend:
– = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the SSP module.
Note
1:
PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.
2:
SSPMSK register (Register 13-3) can be accessed by reading or writing to SSPADD register with bits SSPM<3:0> = 1001.
See Registers 13-2 and 13-3 for more details.
3:
Maintain these bits clear.
SDA
SCL
DX-1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSPCON
CKP
Master device
deasserts clock
Master device
asserts clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com