Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 158Page - Microchip Technology PIC16F690IP Datasheet HTML 159Page - Microchip Technology PIC16F690IP Datasheet HTML 160Page - Microchip Technology PIC16F690IP Datasheet HTML 161Page - Microchip Technology PIC16F690IP Datasheet HTML 162Page - Microchip Technology PIC16F690IP Datasheet HTML 163Page - Microchip Technology PIC16F690IP Datasheet HTML 164Page - Microchip Technology PIC16F690IP Datasheet HTML 165Page - Microchip Technology PIC16F690IP Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 160
© 2008 Microchip Technology Inc.
12.2
Clock Accuracy with
Asynchronous Operation
The factory calibrates the internal oscillator block out-
put (INTOSC). However, the INTOSC frequency may
drift as VDD or temperature changes, and this directly
affects the asynchronous baud rate. Two methods may
be used to adjust the baud rate clock, but both require
a reference clock source of some kind.
The first (preferred) method uses the OSCTUNE
register to adjust the INTOSC output. Adjusting the
value in the OSCTUNE register allows for fine resolution
changes to the system clock source. See Section 3.5
“Internal Clock Modes” for more information.
The other method adjusts the value in the Baud Rate
Generator. This can be done automatically with the
Auto-Baud
Detect
feature
(see
Section 12.3.1
“Auto-Baud Detect”). There may not be fine enough
resolution when adjusting the Baud Rate Generator to
compensate for a gradual change in the peripheral
clock frequency.
REGISTER 12-1:
TXSTA: TRANSMIT STATUS AND CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-1
R/W-0
CSRC
TX9
TXEN(1)
SYNC
SENDB
BRGH
TRMT
TX9D
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CSRC: Clock Source Select bit
Asynchronous mode:
Don’t care
Synchronous mode:
1
= Master mode (clock generated internally from BRG)
0
= Slave mode (clock from external source)
bit 6
TX9: 9-bit Transmit Enable bit
1
= Selects 9-bit transmission
0
= Selects 8-bit transmission
bit 5
TXEN: Transmit Enable bit(1)
1
= Transmit enabled
0
= Transmit disabled
bit 4
SYNC: EUSART Mode Select bit
1
= Synchronous mode
0
= Asynchronous mode
bit 3
SENDB: Send Break Character bit
Asynchronous mode:
1
= Send Sync Break on next transmission (cleared by hardware upon completion)
0
= Sync Break transmission completed
Synchronous mode:
Don’t care
bit 2
BRGH: High Baud Rate Select bit
Asynchronous mode:
1
= High speed
0
= Low speed
Synchronous mode:
Unused in this mode
bit 1
TRMT: Transmit Shift Register Status bit
1
= TSR empty
0
= TSR full
bit 0
TX9D: Ninth bit of Transmit Data
Can be address/data bit or a parity bit.
Note 1:
SREN/CREN overrides TXEN in Sync mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com