Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 162Page - Microchip Technology PIC16F690IP Datasheet HTML 163Page - Microchip Technology PIC16F690IP Datasheet HTML 164Page - Microchip Technology PIC16F690IP Datasheet HTML 165Page - Microchip Technology PIC16F690IP Datasheet HTML 166Page - Microchip Technology PIC16F690IP Datasheet HTML 167Page - Microchip Technology PIC16F690IP Datasheet HTML 168Page - Microchip Technology PIC16F690IP Datasheet HTML 169Page - Microchip Technology PIC16F690IP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 164
© 2008 Microchip Technology Inc.
TABLE 12-5:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 11.0592 MHz
FOSC = 8.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
1221
1.73
255
1200
0.00
239
1200
0.00
143
1202
0.16
103
2400
2404
0.16
129
2400
0.00
119
2400
0.00
71
2404
0.16
51
9600
9470
-1.36
32
9600
0.00
29
9600
0.00
17
9615
0.16
12
10417
10417
0.00
29
10286
-1.26
27
10165
-2.42
16
10417
0.00
11
19.2k
19.53k
1.73
15
19.20k
0.00
14
19.20k
0.00
8
—
—
—
57.6k
—
—
—
57.60k
0.00
7
57.60k
0.00
2
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 2.000 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
300
0.16
207
300
0.00
191
300
0.16
103
300
0.16
51
1200
1202
0.16
51
1200
0.00
47
1202
0.16
25
1202
0.16
12
2400
2404
0.16
25
2400
0.00
23
2404
0.16
12
—
—
—
9600
—
—
—
9600
0.00
5
—
—
—
—
—
—
10417
10417
0.00
5
—
—
—
10417
0.00
2
—
—
—
19.2k
—
—
—
19.20k
0.00
2
—
—
—
—
—
—
57.6k
—
—
—
57.60k
0.00
0
—
—
—
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 20.000 MHz
FOSC = 18.432 MHz
FOSC = 11.0592 MHz
FOSC = 8.000 MHz
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
Actual
Rate
%
Error
SPBRG
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
—
—
—
—
—
—
—
—
—
—
—
—
2400
—
—
—
—
—
—
——
—
2404
0.16
207
9600
9615
0.16
129
9600
0.00
119
9600
0.00
71
9615
0.16
51
10417
10417
0.00
119
10378
-0.37
110
10473
0.53
65
10417
0.00
47
19.2k
19.23k
0.16
64
19.20k
0.00
59
19.20k
0.00
35
19231
0.16
25
57.6k
56.82k
-1.36
21
57.60k
0.00
19
57.60k
0.00
11
55556
-3.55
8
115.2k
113.64k
-1.36
10
115.2k
0.00
9
115.2k
0.00
5
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com