Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 161Page - Microchip Technology PIC16F690IP Datasheet HTML 162Page - Microchip Technology PIC16F690IP Datasheet HTML 163Page - Microchip Technology PIC16F690IP Datasheet HTML 164Page - Microchip Technology PIC16F690IP Datasheet HTML 165Page - Microchip Technology PIC16F690IP Datasheet HTML 166Page - Microchip Technology PIC16F690IP Datasheet HTML 167Page - Microchip Technology PIC16F690IP Datasheet HTML 168Page - Microchip Technology PIC16F690IP Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 163
PIC16F631/677/685/687/689/690
12.3
EUSART Baud Rate Generator
(BRG)
The Baud Rate Generator (BRG) is an 8-bit or 16-bit
timer that is dedicated to the support of both the
asynchronous and synchronous EUSART operation.
By default, the BRG operates in 8-bit mode. Setting the
BRG16 bit of the BAUDCTL register selects 16-bit
mode.
The SPBRGH, SPBRG register pair determines the
period of the free running baud rate timer. In
Asynchronous mode the multiplier of the baud rate
period is determined by both the BRGH bit of the TXSTA
register and the BRG16 bit of the BAUDCTL register. In
Synchronous mode, the BRGH bit is ignored.
Table 12-3 contains the formulas for determining the
baud rate. Example 12-1 provides a sample calculation
for determining the baud rate and baud rate error.
Typical baud rates and error values for various
asynchronous modes have been computed for your
convenience and are shown in Table 12-3. It may be
advantageous to use the high baud rate (BRGH = 1),
or the 16-bit BRG (BRG16 = 1) to reduce the baud rate
error. The 16-bit BRG mode is used to achieve slow
baud rates for fast oscillator frequencies.
Writing a new value to the SPBRGH, SPBRG register
pair causes the BRG timer to be reset (or cleared). This
ensures that the BRG does not wait for a timer overflow
before outputting the new baud rate.
If the system clock is changed during an active receive
operation, a receive error or data loss may result. To
avoid this problem, check the status of the RCIDL bit to
make sure that the receive operation is Idle before
changing the system clock.
EXAMPLE 12-1:
CALCULATING BAUD
RATE ERROR
TABLE 12-3:
BAUD RATE FORMULAS
TABLE 12-4:
REGISTERS ASSOCIATED WITH THE BAUD RATE GENERATOR
For a device with FOSC of 16 MHz, desired baud rate
of 9600, Asynchronous mode, 8-bit BRG:
Solving for SPBRGH:SPBRG:
X
FOSC
Desired Baud Rate
---------------------------------------------
64
--------------------------------------------- 1
–
=
Desired Baud Rate
FOSC
64 [SPBRGH:SPBRG]
1
+
()
---------------------------------------------------------------------
=
16000000
9600
------------------------
64
------------------------1
–
=
25.042
[]
25
decimal
==
Calculated Baud Rate
16000000
64 25
1
+
()
---------------------------
=
9615
=
Error
Calc. Baud Rate Desired Baud Rate
–
Desired Baud Rate
--------------------------------------------------------------------------------------------
=
9615 9600
–
()
9600
----------------------------------
0.16%
==
Configuration Bits
BRG/EUSART Mode
Baud Rate Formula
SYNC
BRG16
BRGH
00
0
8-bit/Asynchronous
FOSC/[64 (n+1)]
00
1
8-bit/Asynchronous
FOSC/[16 (n+1)]
01
0
16-bit/Asynchronous
01
1
16-bit/Asynchronous
FOSC/[4 (n+1)]
10
x
8-bit/Synchronous
11
x
16-bit/Synchronous
Legend:
x
= Don’t care, n = value of SPBRGH, SPBRG register pair
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
BAUDCTL ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
01-0 0-00
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
0000 0010
Legend:
x
= unknown, - = unimplemented read as ‘0’. Shaded cells are not used for the Baud Rate Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com