Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 217 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 217 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 213Page - Microchip Technology T0XCS Datasheet HTML 214Page - Microchip Technology T0XCS Datasheet HTML 215Page - Microchip Technology T0XCS Datasheet HTML 216Page - Microchip Technology T0XCS Datasheet HTML 217Page - Microchip Technology T0XCS Datasheet HTML 218Page - Microchip Technology T0XCS Datasheet HTML 219Page - Microchip Technology T0XCS Datasheet HTML 220Page - Microchip Technology T0XCS Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 217
PIC16(L)F1946/47
23.1.5
CAPTURE DURING SLEEP
Capture mode depends upon the Timer1 module for
proper operation. There are two options for driving the
Timer1 module in Capture mode. It can be driven by the
instruction clock (FOSC/4), or by an external clock source.
When Timer1 is clocked by FOSC/4, Timer1 will not
increment during Sleep. When the device wakes from
Sleep, Timer1 will continue from its previous state.
Capture mode will operate during Sleep when Timer1
is clocked by an external clock source.
23.1.6
ALTERNATE PIN LOCATIONS
This module incorporates I/O pins that can be moved to
other locations with the use of the alternate pin function
register, APFCON. To determine which pins can be
moved and what their default locations are upon a
reset, see Section 12.1 “Alternate Pin Function” for
more information.
TABLE 23-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCPxCON
PxM<1:0>(1)
DCxB<1:0>
CCPxM<3:0>
238
CCPRxL
Capture/Compare/PWM Register x Low Byte (LSB)
216*
CCPRxH
Capture/Compare/PWM Register x High Byte (MSB)
216*
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
C3IE
CCP2IE
94
PIE3
—
CCP5IE
CCP4IE
CCP3IE
TMR6IE
—
TMR4IE
—
95
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
C3IF
CCP2IF
98
PIR3
—
CCP5IF
CCP4IF
CCP3IF
TMR6IF
—
TMR4IF
—
99
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON
207
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS<1:0>
208
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
203*
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
203*
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
131
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
134
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
137
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
140
TRISE
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
143
Legend: — = Unimplemented location, read as ‘0’. Shaded cells are not used by Capture mode.
Note 1:
Applies to ECCP modules only.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com