Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 221 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 221 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 217Page - Microchip Technology T0XCS Datasheet HTML 218Page - Microchip Technology T0XCS Datasheet HTML 219Page - Microchip Technology T0XCS Datasheet HTML 220Page - Microchip Technology T0XCS Datasheet HTML 221Page - Microchip Technology T0XCS Datasheet HTML 222Page - Microchip Technology T0XCS Datasheet HTML 223Page - Microchip Technology T0XCS Datasheet HTML 224Page - Microchip Technology T0XCS Datasheet HTML 225Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 221
PIC16(L)F1946/47
23.3.2
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP module for standard PWM operation:
1.
Disable the CCPx pin output driver by setting the
associated TRIS bit.
2.
Timer2/4/6 resource selection:
• Select the Timer2/4/6 resource to be used
for PWM generation by setting the
CxTSEL<1:0> bits in the CCPTMRSx
register.
3.
Load the PRx register with the PWM period
value.
4.
Configure the CCP module for the PWM mode
by loading the CCPxCON register with the
appropriate values.
5.
Load the CCPRxL register and the DCxBx bits
of the CCPxCON register, with the PWM duty
cycle value.
6.
Configure and start Timer2/4/6:
• Clear the TMRxIF interrupt flag bit of the
PIRx register. See Note below.
• Configure the TxCKPS bits of the TxCON
register with the Timer prescale value.
• Enable the Timer by setting the TMRxON
bit of the TxCON register.
7.
Enable PWM output pin:
• Wait until the Timer overflows and the
TMRxIF bit of the PIRx register is set. See
Note below.
• Enable the CCPx pin output driver by clear-
ing the associated TRIS bit.
23.3.3
TIMER2/4/6 TIMER RESOURCE
The PWM standard mode makes use of one of the 8-bit
Timer2/4/6 timer resources to specify the PWM period.
Configuring the CxTSEL<1:0> bits in the CCPTMRSx
register selects which Timer2/4/6 timer is used.
23.3.4
PWM PERIOD
The PWM period is specified by the PRx register of
Timer2/4/6. The PWM period can be calculated using
the formula of Equation 23-1.
EQUATION 23-1:
PWM PERIOD
When TMRx is equal to PRx, the following three events
occur on the next increment cycle:
• TMRx is cleared
• The CCPx pin is set. (Exception: If the PWM duty
cycle = 0%, the pin will not be set.)
• The PWM duty cycle is latched from CCPRxL into
CCPRxH.
23.3.5
PWM DUTY CYCLE
The PWM duty cycle is specified by writing a 10-bit
value to multiple registers: CCPRxL register and
DCxB<1:0> bits of the CCPxCON register. The
CCPRxL contains the eight MSbs and the DCxB<1:0>
bits of the CCPxCON register contain the two LSbs.
CCPRxL and DCxB<1:0> bits of the CCPxCON
register can be written to at any time. The duty cycle
value is not latched into CCPRxH until after the period
completes (i.e., a match between PRx and TMRx
registers occurs). While using the PWM, the CCPRxH
register is read-only.
Equation 23-2 is used to calculate the PWM pulse
width.
Equation 23-3 is used to calculate the PWM duty cycle
ratio.
EQUATION 23-2:
PULSE WIDTH
EQUATION 23-3:
DUTY CYCLE RATIO
The CCPRxH register and a 2-bit internal latch are
used to double buffer the PWM duty cycle. This double
buffering is essential for glitchless PWM operation.
The 8-bit timer TMRx register is concatenated with either
the 2-bit internal system clock (FOSC), or 2 bits of the
prescaler, to create the 10-bit time base. The system
clock is used if the Timer2/4/6 prescaler is set to 1:1.
When the 10-bit time base matches the CCPRxH and
2-bit latch, then the CCPx pin is cleared (see
Figure 23-4).
Note:
In order to send a complete duty cycle and
period on the first PWM output, the above
steps must be included in the setup
sequence. If it is not critical to start with a
complete PWM signal on the first output,
then step 6 may be ignored.
PWM Period
PRx
 1
+
 4TOSC
=
(TMRx Prescale Value)
Note 1:
TOSC = 1/FOSC
Note:
The Timer postscaler (see Section 22.1
“Timer2/4/6 Operation”
) is not used in the
determination of the PWM frequency.
Pulse Width
CCPRxL:CCPxCON<5:4>

=
TOSC
(TMRx Prescale Value)
Duty Cycle Ratio
CCPRxL:CCPxCON<5:4>

4 PRx
1
+

-----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com