Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 225 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 225 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 221Page - Microchip Technology T0XCS Datasheet HTML 222Page - Microchip Technology T0XCS Datasheet HTML 223Page - Microchip Technology T0XCS Datasheet HTML 224Page - Microchip Technology T0XCS Datasheet HTML 225Page - Microchip Technology T0XCS Datasheet HTML 226Page - Microchip Technology T0XCS Datasheet HTML 227Page - Microchip Technology T0XCS Datasheet HTML 228Page - Microchip Technology T0XCS Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 225
PIC16(L)F1946/47
TABLE 23-9:
EXAMPLE PIN ASSIGNMENTS FOR VARIOUS PWM ENHANCED MODES
FIGURE 23-6:
EXAMPLE PWM (ENHANCED MODE) OUTPUT RELATIONSHIPS (ACTIVE-HIGH
STATE)
ECCP Mode
PxM<1:0>
CCPx/PxA
PxB
PxC
PxD
Single
00
Yes(1)
Yes(1)
Yes(1)
Yes(1)
Half-Bridge
10
Yes
Yes
No
No
Full-Bridge, Forward
01
Yes
Yes
Yes
Yes
Full-Bridge, Reverse
11
Yes
Yes
Yes
Yes
Note 1:
PWM Steering enables outputs in Single mode.
0
Period
00
10
01
11
Signal
PRX+1
PxM<1:0>
PxA Modulated
PxA Modulated
PxB Modulated
PxA Active
PxB Inactive
PxC Inactive
PxD Modulated
PxA Inactive
PxB Modulated
PxC Active
PxD Inactive
Pulse
Width
(Single Output)
(Half-Bridge)
(Full-Bridge,
Forward)
(Full-Bridge,
Reverse)
Delay
Delay
Relationships:
• Period = 4 * TOSC * (PRx + 1) * (TMRx Prescale Value)
• Pulse Width = TOSC * (CCPRxL<7:0>:CCPxCON<5:4>) * (TMRx Prescale Value)
• Delay = 4 * TOSC * (PWMxCON<6:0>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com