Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 223 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 223 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 219Page - Microchip Technology T0XCS Datasheet HTML 220Page - Microchip Technology T0XCS Datasheet HTML 221Page - Microchip Technology T0XCS Datasheet HTML 222Page - Microchip Technology T0XCS Datasheet HTML 223Page - Microchip Technology T0XCS Datasheet HTML 224Page - Microchip Technology T0XCS Datasheet HTML 225Page - Microchip Technology T0XCS Datasheet HTML 226Page - Microchip Technology T0XCS Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 223
PIC16(L)F1946/47
23.3.7
OPERATION IN SLEEP MODE
In Sleep mode, the TMRx register will not increment
and the state of the module will not change. If the CCPx
pin is driving a value, it will continue to drive that value.
When the device wakes up, TMRx will continue from its
previous state.
23.3.8
CHANGES IN SYSTEM CLOCK
FREQUENCY
The PWM frequency is derived from the system clock
frequency. Any changes in the system clock frequency
will result in changes to the PWM frequency. See
Section 5.0 “Oscillator Module (With Fail-Safe
Clock Monitor)” for additional details.
23.3.9
EFFECTS OF RESET
Any Reset will force all ports to Input mode and the
CCP registers to their Reset states.
23.3.10
ALTERNATE PIN LOCATIONS
This module incorporates I/O pins that can be moved to
other locations with the use of the alternate pin function
register, APFCON. To determine which pins can be
moved and what their default locations are upon a
reset, see Section 12.1 “Alternate Pin Function” for
more information.
TABLE 23-8:
SUMMARY OF REGISTERS ASSOCIATED WITH STANDARD PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCPxCON
PxM<1:0>(1)
DCxB<1:0>
CCPxM<3:0>
238
CCPTMRS0
C4TSEL<1:0>
C3TSEL<1:0>
C2TSEL<1:0>
C1TSEL<1:0>
239
CCPTMRS1
—
—
—
—
—
—
C5TSEL<1:0>
239
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
C3IE
CCP2IE
94
PIE3
—
CCP5IE
CCP4IE
CCP3IE
TMR6IE
—
TMR4IE
—
95
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
C3IF
CCP2IF
98
PIR3
—
CCP5IF
CCP4IF
CCP3IF
TMR6IF
—
TMR4IF
—
99
PR2
Timer2 Period Register
211*
PR4
Timer4Period Register
211*
PR6
Timer6 Period Register
211*
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<:0>1
213
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<:0>1
213
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<:0>1
213
TMR2
Timer2 Module Register
211*
TMR4
Timer4 Module Register
211*
TMR6
Timer6 Module Register
211*
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
131
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
134
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
137
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
140
TRISE
TRISE7
TRISE6
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
143
Legend: — = Unimplemented location, read as ‘0’. Shaded cells are not used by the PWM.
Note 1:
Applies to ECCP modules only.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com