Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 218 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 218 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 214Page - Microchip Technology T0XCS Datasheet HTML 215Page - Microchip Technology T0XCS Datasheet HTML 216Page - Microchip Technology T0XCS Datasheet HTML 217Page - Microchip Technology T0XCS Datasheet HTML 218Page - Microchip Technology T0XCS Datasheet HTML 219Page - Microchip Technology T0XCS Datasheet HTML 220Page - Microchip Technology T0XCS Datasheet HTML 221Page - Microchip Technology T0XCS Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 218
 2010-2012 Microchip Technology Inc.
23.2
Compare Mode
The Compare mode function described in this section
is available and identical for CCP modules ECCP1,
ECCP2, ECCP3, CCP4 and CCP5.
Compare mode makes use of the 16-bit Timer1
resource. The 16-bit value of the CCPRxH:CCPRxL
register pair is constantly compared against the 16-bit
value of the TMR1H:TMR1L register pair. When a
match occurs, one of the following events can occur:
• Toggle the CCPx output
• Set the CCPx output
• Clear the CCPx output
• Generate a Special Event Trigger
• Generate a Software Interrupt
The action on the pin is based on the value of the
CCPxM<3:0> control bits of the CCPxCON register. At
the same time, the interrupt flag CCPxIF bit is set.
All Compare modes can generate an interrupt.
Figure 23-2 shows a simplified diagram of the
Compare operation.
FIGURE 23-2:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
23.2.1
CCP PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the associated TRIS bit.
Also, the CCPx pin function can be moved to
alternative pins using the APFCON register. Refer to
Section 12.1 “Alternate Pin Function”
for more
details.
23.2.2
TIMER1 MODE RESOURCE
In Compare mode, Timer1 must be running in either
Timer mode or Synchronized Counter mode. The
compare operation may not work in Asynchronous
Counter mode.
See Section 21.0 “Timer1 Module with Gate Control”
for more information on configuring Timer1.
23.2.3
SOFTWARE INTERRUPT MODE
When Generate Software Interrupt mode is chosen
(CCPxM<3:0> = 1010), the CCPx module does not
assert control of the CCPx pin (see the CCPxCON
register).
23.2.4
SPECIAL EVENT TRIGGER
When Special Event Trigger mode is chosen
(CCPxM<3:0> = 1011), the CCPx module does the
following:
• Resets Timer1
• Starts an ADC conversion if ADC is enabled
The CCPx module does not assert control of the CCPx
pin in this mode.
The Special Event Trigger output of the CCP occurs
immediately upon a match between the TMR1H,
TMR1L register pair and the CCPRxH, CCPRxL regis-
ter pair. The TMR1H, TMR1L register pair is not reset
until the next rising edge of the Timer1 clock. The Spe-
cial Event Trigger output starts an A/D conversion (if
the A/D module is enabled). This allows the CCPRxH,
CCPRxL register pair to effectively provide a 16-bit pro-
grammable period register for Timer1.
Refer to Section 16.0 “Analog-to-Digital Converter
(ADC) Module”
for more information.
Note:
Clearing the CCPxCON register will force
the CCPx compare output latch to the
default low level. This is not the PORT I/O
data latch.
CCPRxH CCPRxL
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special Event Trigger
Set CCPxIF Interrupt Flag
(PIRx)
Match
TRIS
CCPxM<3:0>
Mode Select
Output Enable
Pin
CCPx
4
Note:
Clocking Timer1 from the system clock
(FOSC) should not be used in Capture
mode. In order for Capture mode to
recognize the trigger event on the CCPx
pin, TImer1 must be clocked from the
instruction clock (FOSC/4) or from an
external clock source.
TABLE 23-3:
SPECIAL EVENT TRIGGER
Device
CCPx/ECCPx
PIC16(L)F1946/47
CCP5
Note 1:
The Special Event Trigger from the CCP
module does not set interrupt flag bit
TMR1IF of the PIR1 register.
2:
Removing the match condition by
changing the contents of the CCPRxH
and CCPRxL register pair, between the
clock edge that generates the Special
Event Trigger and the clock edge that
generates
the
Timer1
Reset,
will
preclude the Reset from occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com