Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 289 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 289 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 285Page - Microchip Technology T0XCS Datasheet HTML 286Page - Microchip Technology T0XCS Datasheet HTML 287Page - Microchip Technology T0XCS Datasheet HTML 288Page - Microchip Technology T0XCS Datasheet HTML 289Page - Microchip Technology T0XCS Datasheet HTML 290Page - Microchip Technology T0XCS Datasheet HTML 291Page - Microchip Technology T0XCS Datasheet HTML 292Page - Microchip Technology T0XCS Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 289
PIC16(L)F1946/47
TABLE 24-3:
SUMMARY OF REGISTERS ASSOCIATED WITH I2C™ OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
C3IE
CCP2IE(1)
94
PIE4(1)
—
—
RC2IE
TX2IE
—
—
BCL2IE
SSP2IE
96
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
C3IF
CCP2IF(1)
98
PIR4(1)
—
—
RC2IF
TX2IF
—
—
BCL2IF
SSP2IF
100
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
131
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
134
SSP1ADD
ADD<7:0>
296
SSP1BUF
MSSPx Receive Buffer/Transmit Register
247*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
292
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
294
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
295
SSP1MSK
MSK<7:0>
296
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
291
SSP2ADD
ADD<7:0>
296
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
247*
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
292
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
294
SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
295
SSP2MSK
MSK<7:0>
296
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
291
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode.
*
Page provides register information.
Note 1:
PIC16F1947 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com