Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 292 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 292 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 288Page - Microchip Technology T0XCS Datasheet HTML 289Page - Microchip Technology T0XCS Datasheet HTML 290Page - Microchip Technology T0XCS Datasheet HTML 291Page - Microchip Technology T0XCS Datasheet HTML 292Page - Microchip Technology T0XCS Datasheet HTML 293Page - Microchip Technology T0XCS Datasheet HTML 294Page - Microchip Technology T0XCS Datasheet HTML 295Page - Microchip Technology T0XCS Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 292
 2010-2012 Microchip Technology Inc.
REGISTER 24-2:
SSPxCON1: SSPx CONTROL REGISTER 1
R/C/HS-0/0
R/C/HS-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Bit is set by hardware
C = User cleared
bit 7
WCOL: Write Collision Detect bit
Master mode:
1 = A write to the SSPxBUF register was attempted while the I2C conditions were not valid for a transmission to
be started
0 = No collision
Slave mode:
1 = The SSPxBUF register is written while it is still transmitting the previous word (must be cleared in software)
0 = No collision
bit 6
SSPOV: Receive Overflow Indicator bit(1)
In SPI mode:
1 = A new byte is received while the SSPxBUF register is still holding the previous data. In case of overflow, the data
in SSPxSR is lost. Overflow can only occur in Slave mode. In Slave mode, the user must read the SSPxBUF, even
if only transmitting data, to avoid setting overflow. In Master mode, the overflow bit is not set since each new recep-
tion (and transmission) is initiated by writing to the SSPxBUF register (must be cleared in software).
0 = No overflow
In I2C mode:
1 = A byte is received while the SSPxBUF register is still holding the previous byte. SSPOV is a “don’t care” in
Transmit mode (must be cleared in software).
0 = No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In both modes, when enabled, these pins must be properly configured as input or output
In SPI mode:
1 = Enables serial port and configures SCKx, SDOx, SDIx and SSx as the source of the serial port pins(2)
0 = Disables serial port and configures these pins as I/O port pins
In I2C mode:
1 = Enables the serial port and configures the SDAx and SCLx pins as the source of the serial port pins(3)
0 = Disables serial port and configures these pins as I/O port pins
bit 4
CKP: Clock Polarity Select bit
In SPI mode:
1 = Idle state for clock is a high level
0 = Idle state for clock is a low level
In I2C Slave mode:
SCLx release control
1 = Enable clock
0 = Holds clock low (clock stretch). (Used to ensure data setup time.)
In I2C Master mode:
Unused in this mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com