Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 290 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 290 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 286Page - Microchip Technology T0XCS Datasheet HTML 287Page - Microchip Technology T0XCS Datasheet HTML 288Page - Microchip Technology T0XCS Datasheet HTML 289Page - Microchip Technology T0XCS Datasheet HTML 290Page - Microchip Technology T0XCS Datasheet HTML 291Page - Microchip Technology T0XCS Datasheet HTML 292Page - Microchip Technology T0XCS Datasheet HTML 293Page - Microchip Technology T0XCS Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 290
 2010-2012 Microchip Technology Inc.
24.7
BAUD RATE GENERATOR
The MSSPx module has a Baud Rate Generator avail-
able for clock generation in both I2C and SPI Master
modes. The Baud Rate Generator (BRG) reload value
is placed in the SSPxADD register (Register 24-6).
When a write occurs to SSPxBUF, the Baud Rate Gen-
erator will automatically begin counting down.
Once the given operation is complete, the internal clock
will automatically stop counting and the clock pin will
remain in its last state.
An internal signal “Reload” in Figure 24-39 triggers the
value from SSPxADD to be loaded into the BRG
counter. This occurs twice for each oscillation of the
module clock line. The logic dictating when the reload
signal is asserted depends on the mode the MSSPx is
being operated in.
Table 24-4 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPxADD.
EQUATION 24-1:
FIGURE 24-40:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 24-4:
MSSPx CLOCK RATE W/BRG
FCLOCK
FOSC
SSPxADD
1
+
 4

-------------------------------------------------
=
Note:
Values of 0x00, 0x01 and 0x02 are not valid
for SSPxADD when used as a Baud Rate
Generator for I2C. This is an implementation
limitation.
FOSC
FCY
BRG Value
FCLOCK
(2 Rollovers of BRG)
32 MHz
8 MHz
13h
400 kHz(1)
32 MHz
8 MHz
19h
308 kHz
32 MHz
8 MHz
4Fh
100 kHz
16 MHz
4 MHz
09h
400 kHz(1)
16 MHz
4 MHz
0Ch
308 kHz
16 MHz
4 MHz
27h
100 kHz
4 MHz
1 MHz
09h
100 kHz
Note 1:
The I2C interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.
SSPM<3:0>
BRG Down Counter
SSPxCLK
FOSC/2
SSPxADD<7:0>
SSPM<3:0>
SCLx
Reload
Control
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com