Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 383 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 383 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 379Page - Microchip Technology T0XCS Datasheet HTML 380Page - Microchip Technology T0XCS Datasheet HTML 381Page - Microchip Technology T0XCS Datasheet HTML 382Page - Microchip Technology T0XCS Datasheet HTML 383Page - Microchip Technology T0XCS Datasheet HTML 384Page - Microchip Technology T0XCS Datasheet HTML 385Page - Microchip Technology T0XCS Datasheet HTML 386Page - Microchip Technology T0XCS Datasheet HTML 387Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 383
PIC16(L)F1946/47
LSLF
Logical Left Shift
Syntax:
[ label ] LSLF
f {,d}
Operands:
0
 f  127
d
[0,1]
Operation:
(f<7>)
 C
(f<6:0>)
 dest<7:1>
0
 dest<0>
Status Affected:
C, Z
Description:
The contents of register ‘f’ are shifted
one bit to the left through the Carry flag.
A ‘0’ is shifted into the LSb. If ‘d’ is ‘0’,
the result is placed in W. If ‘d’ is ‘1’, the
result is stored back in register ‘f’.
LSRF
Logical Right Shift
Syntax:
[ label ] LSRF
f {,d}
Operands:
0
 f  127
d
[0,1]
Operation:
0
 dest<7>
(f<7:1>)
 dest<6:0>,
(f<0>)
 C,
Status Affected:
C, Z
Description:
The contents of register ‘f’ are shifted
one bit to the right through the Carry
flag. A ‘0’ is shifted into the MSb. If ‘d’ is
‘0’, the result is placed in W. If ‘d’ is ‘1’,
the result is stored back in register ‘f’.
register f
0
C
register f
C
0
MOVF
Move f
Syntax:
[ label ]
MOVF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f)
 (dest)
Status Affected:
Z
Description:
The contents of register f is moved to
a destination dependent upon the
status of d. If d = 0,
destination is W register. If d = 1, the
destination is file register f itself. d = 1
is useful to test a file register since
status flag Z is affected.
Words:
1
Cycles:
1
Example:
MOVF
FSR, 0
After Instruction
W = value in FSR register
Z= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com