Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 385 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 385 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 381Page - Microchip Technology T0XCS Datasheet HTML 382Page - Microchip Technology T0XCS Datasheet HTML 383Page - Microchip Technology T0XCS Datasheet HTML 384Page - Microchip Technology T0XCS Datasheet HTML 385Page - Microchip Technology T0XCS Datasheet HTML 386Page - Microchip Technology T0XCS Datasheet HTML 387Page - Microchip Technology T0XCS Datasheet HTML 388Page - Microchip Technology T0XCS Datasheet HTML 389Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 385
PIC16(L)F1946/47
MOVWI
Move W to INDFn
Syntax:
[ label ] MOVWI ++FSRn
[ label ] MOVWI --FSRn
[ label ] MOVWI FSRn++
[ label ] MOVWI FSRn--
[ label ] MOVWI k[FSRn]
Operands:
n
 [0,1]
mm
 [00,01, 10, 11]
-32
 k  31
Operation:
W
 INDFn
Effective address is determined by
• FSR + 1 (preincrement)
• FSR - 1 (predecrement)
• FSR + k (relative offset)
After the Move, the FSR value will be
either:
• FSR + 1 (all increments)
• FSR - 1 (all decrements)
Unchanged
Status Affected:
None
Mode
Syntax
mm
Preincrement
++FSRn
00
Predecrement
--FSRn
01
Postincrement
FSRn++
10
Postdecrement
FSRn--
11
Description:
This instruction is used to move data
between W and one of the indirect
registers (INDFn). Before/after this
move, the pointer (FSRn) is updated by
pre/post incrementing/decrementing it.
Note: The INDFn registers are not
physical registers. Any instruction that
accesses an INDFn register actually
accesses the register at the address
specified by the FSRn.
FSRn is limited to the range 0000h -
FFFFh. Incrementing/decrementing it
beyond these bounds will cause it to wrap
around.
The increment/decrement operation on
FSRn WILL NOT affect any Status bits.
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP
OPTION
Load OPTION_REG Register
with W
Syntax:
[ label ] OPTION
Operands:
None
Operation:
(W)
 OPTION_REG
Status Affected:
None
Description:
Move data from W register to
OPTION_REG register.
Words:
1
Cycles:
1
Example:
OPTION
Before Instruction
OPTION_REG = 0xFF
W = 0x4F
After Instruction
OPTION_REG = 0x4F
W = 0x4F
RESET
Software Reset
Syntax:
[ label ] RESET
Operands:
None
Operation:
Execute a device Reset. Resets the
nRI flag of the PCON register.
Status Affected:
None
Description:
This instruction provides a way to
execute a hardware Reset by soft-
ware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com