Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 387 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 387 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 383Page - Microchip Technology T0XCS Datasheet HTML 384Page - Microchip Technology T0XCS Datasheet HTML 385Page - Microchip Technology T0XCS Datasheet HTML 386Page - Microchip Technology T0XCS Datasheet HTML 387Page - Microchip Technology T0XCS Datasheet HTML 388Page - Microchip Technology T0XCS Datasheet HTML 389Page - Microchip Technology T0XCS Datasheet HTML 390Page - Microchip Technology T0XCS Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 387
PIC16(L)F1946/47
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are rotated
one bit to the right through the Carry
flag. If ‘d’ is ‘0’, the result is placed in
the W register. If ‘d’ is ‘1’, the result is
placed back in register ‘f’.
SLEEP
Enter Sleep mode
Syntax:
[ label ]SLEEP
Operands:
None
Operation:
00h
 WDT,
0  WDT prescaler,
1  TO,
0  PD
Status Affected:
TO, PD
Description:
The power-down Status bit, PD is
cleared. Time-out Status bit, TO is
set. Watchdog Timer and its pres-
caler are cleared.
The processor is put into Sleep mode
with the oscillator stopped.
Register f
C
SUBLW
Subtract W from literal
Syntax:
[ label ]SUBLW k
Operands:
0
k 255
Operation:
k - (W)
W)
Status Affected:
C, DC, Z
Description:
The W register is subtracted (2’s com-
plement method) from the eight-bit
literal ‘k’. The result is placed in the W
register.
SUBWF
Subtract W from f
Syntax:
[ label ]
SUBWF f,d
Operands:
0
f 127
d
 [0,1]
Operation:
(f) - (W)
destination)
Status Affected:
C, DC, Z
Description:
Subtract (2’s complement method) W
register from register ‘f’. If ‘d’ is ‘0’, the
result is stored in the W
register. If ‘d’ is ‘1’, the result is stored
back in register ‘f.
SUBWFB
Subtract W from f with Borrow
Syntax:
SUBWFB
f {,d}
Operands:
0
 f  127
d
 [0,1]
Operation:
(f) – (W) – (B)
dest
Status Affected:
C, DC, Z
Description:
Subtract W and the BORROW flag
(CARRY) from register ‘f’ (2’s comple-
ment method). If ‘d’ is ‘0’, the result is
stored in W. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
C = 0
W
 k
C = 1
W
 k
DC = 0
W<3:0>
 k<3:0>
DC = 1
W<3:0>
 k<3:0>
C = 0
W
 f
C = 1
W
 f
DC = 0
W<3:0>
 f<3:0>
DC = 1
W<3:0>
 f<3:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com