Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 172 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 172 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 168Page - Microchip Technology T0XCS Datasheet HTML 169Page - Microchip Technology T0XCS Datasheet HTML 170Page - Microchip Technology T0XCS Datasheet HTML 171Page - Microchip Technology T0XCS Datasheet HTML 172Page - Microchip Technology T0XCS Datasheet HTML 173Page - Microchip Technology T0XCS Datasheet HTML 174Page - Microchip Technology T0XCS Datasheet HTML 175Page - Microchip Technology T0XCS Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 172
 2010-2012 Microchip Technology Inc.
16.5
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 16-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), refer
to
Figure 16-4.
The
maximum
recommended
impedance for analog sources is 10 k
. As the
source impedance is decreased, the acquisition time
may be decreased. After the analog input channel is
selected (or changed), an A/D acquisition must be
done before the conversion can be started. To calculate
the minimum acquisition time, Equation 16-1 may be
used. This equation assumes that 1/2 LSb error is used
(1,024 steps for the ADC). The 1/2 LSb error is the
maximum error allowed for the ADC to meet its
specified resolution.
EQUATION 16-1:
ACQUISITION TIME EXAMPLE
TACQ
Amplifier Settling Time
Hold Capacitor Charging Time
Temperature Coefficient
++
=
TAMP
TC
TCOFF
++
=
2µs
TC
Temperature - 25°C
 0.05µs/°C


++
=
TC
CHOLD RIC
RSS
RS
++
 ln(1/2047)
–
=
VAPPLIED 1e
Tc
–
RC
---------
–



VAPPLIED 1
1
2
n1
+
 1
–
--------------------------
–


=
VAPPLIED 1
1
2
n1
+
 1
–
--------------------------
–


VCHOLD
=
VAPPLIED 1e
TC
–
RC
----------
–



VCHOLD
=
;[1] VCHOLD charged to within 1/2 lsb
;[2] VCHOLD charge response to VAPPLIED
;combining [1] and [2]
The value for TC can be approximated with the following equations:
Solving for TC:
Therefore:
Temperature
50°C and external impedance of 10k
5.0V VDD
=
Assumptions:
Note: Where n = number of bits of the ADC.
TACQ
2µs
1.37µs
50°C- 25°C
 0.05µs/°C


++
=
4.62µs
=
10pF 1k
 7k 10k
++

4.88 10
4
–

ln
–
=
1.37µs
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com