Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 175 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 175 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 171Page - Microchip Technology T0XCS Datasheet HTML 172Page - Microchip Technology T0XCS Datasheet HTML 173Page - Microchip Technology T0XCS Datasheet HTML 174Page - Microchip Technology T0XCS Datasheet HTML 175Page - Microchip Technology T0XCS Datasheet HTML 176Page - Microchip Technology T0XCS Datasheet HTML 177Page - Microchip Technology T0XCS Datasheet HTML 178Page - Microchip Technology T0XCS Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 175
PIC16(L)F1946/47
17.0 DIGITAL-TO-ANALOG
CONVERTER (DAC) MODULE
The Digital-to-Analog Converter supplies a variable
voltage reference, ratiometric with the input source,
with 32 selectable output levels.
The input of the DAC can be connected to:
•External VREF pins
•VDD supply voltage
• FVR (Fixed Voltage Reference)
The output of the DAC can be configured to supply a
reference voltage to the following:
• Comparator positive input
• ADC input channel
•DACOUT pin
• Capacitive Sensing module (CPS)
The Digital-to-Analog Converter (DAC) can be enabled
by setting the DACEN bit of the DACCON0 register.
17.1
Output Voltage Selection
The DAC has 32 voltage level ranges. The 32 levels
are set with the DACR<4:0> bits of the DACCON1
register.
The DAC output voltage is determined by the following
equations:
EQUATION 17-1:
DAC OUTPUT VOLTAGE
17.2
Ratiometric Output Level
The DAC output value is derived using a resistor ladder
with each end of the ladder tied to a positive and
negative voltage reference input source. If the voltage
of either input source fluctuates, a similar fluctuation will
result in the DAC output value.
The value of the individual resistors within the ladder
can
be
found
in
Section 30.0
“Electrical
Specifications”.
17.3
DAC Voltage Reference Output
The DAC can be output to the DACOUT pin by setting
the DACOE bit of the DACCON0 register to ‘1’.
Selecting the DAC reference voltage for output on the
DACOUT pin automatically overrides the digital output
buffer and digital input threshold detector functions of
that pin. Reading the DACOUT pin when it has been
configured for DAC reference voltage output will
always return a ‘0’.
Due to the limited current drive capability, a buffer must
be used on the DAC voltage reference output for
external connections to DACOUT. Figure 17-2 shows
an example buffering technique.
IF DACEN = 1
IF DACEN = 0 & DACLPS = 1 & DACR[4:0] = 11111
VOUT
VSOURCE +
=
IF DACEN = 0 & DACLPS = 0 & DACR[4:0] = 00000
VOUT
VSOURCE –
=
VSOURCE+ = VDD, VREF, or FVR BUFFER 2
VSOURCE- = VSS
VOUT
VSOURCE+VSOURCE-
–
 DACR 4:0

2
5
-----------------------------


VSOURCE-
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com