Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 177 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 177 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 173Page - Microchip Technology T0XCS Datasheet HTML 174Page - Microchip Technology T0XCS Datasheet HTML 175Page - Microchip Technology T0XCS Datasheet HTML 176Page - Microchip Technology T0XCS Datasheet HTML 177Page - Microchip Technology T0XCS Datasheet HTML 178Page - Microchip Technology T0XCS Datasheet HTML 179Page - Microchip Technology T0XCS Datasheet HTML 180Page - Microchip Technology T0XCS Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 177
PIC16(L)F1946/47
17.4
Low-Power Voltage State
In order for the DAC module to consume the least
amount of power, one of the two voltage reference input
sources to the resistor ladder must be disconnected.
Either the positive voltage source, (VSOURCE+), or the
negative voltage source, (VSOURCE-) can be disabled.
The negative voltage source is disabled by setting the
DACLPS bit in the DACCON0 register. Clearing the
DACLPS bit in the DACCON0 register disables the
positive voltage source.
17.4.1
OUTPUT CLAMPED TO POSITIVE
VOLTAGE SOURCE
The DAC output voltage can be set to VSOURCE+ with
the least amount of power consumption by performing
the following:
• Clearing the DACEN bit in the DACCON0 register.
• Setting the DACLPS bit in the DACCON0 register.
• Configuring the DACPSS bits to the proper
positive source.
• Configuring the DACR<4:0> bits to ‘11111’ in the
DACCON1 register.
This is also the method used to output the voltage level
from the FVR to an output pin. See Section 17.5
“Operation During Sleep”
for more information.
Reference Figure 17-3 for output clamping examples.
17.4.2
OUTPUT CLAMPED TO NEGATIVE
VOLTAGE SOURCE
The DAC output voltage can be set to VSOURCE- with
the least amount of power consumption by performing
the following:
• Clearing the DACEN bit in the DACCON0 register.
• Clearing the DACLPS bit in the DACCON0 register.
• Configuring the DACNSS bits to the proper
negative source.
• Configuring the DACR<4:0> bits to ‘00000’ in the
DACCON1 register.
This allows the comparator to detect a zero-crossing
while not consuming additional current through the DAC
module.
Reference Figure 17-3 for output clamping examples.
FIGURE 17-3:
OUTPUT VOLTAGE CLAMPING EXAMPLES
17.5
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the DACCON0 register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
17.6
Effects of a Reset
A device Reset affects the following:
• DAC is disabled.
• DAC output voltage is removed from the
DACOUT pin.
• The DACR<4:0> range select bits are cleared.
R
R
R
DAC Voltage Ladder
(see Figure 17-1)
VSOURCE+
DACEN = 0
DACLPS = 1
DACR<4:0> = 11111
VSOURCE-
R
R
R
DAC Voltage Ladder
(see Figure 17-1)
VSOURCE+
DACEN = 0
DACLPS = 0
DACR<4:0> = 00000
VSOURCE-
Output Clamped to Positive Voltage Source
Output Clamped to Negative Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com