Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 174 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 174 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 170Page - Microchip Technology T0XCS Datasheet HTML 171Page - Microchip Technology T0XCS Datasheet HTML 172Page - Microchip Technology T0XCS Datasheet HTML 173Page - Microchip Technology T0XCS Datasheet HTML 174Page - Microchip Technology T0XCS Datasheet HTML 175Page - Microchip Technology T0XCS Datasheet HTML 176Page - Microchip Technology T0XCS Datasheet HTML 177Page - Microchip Technology T0XCS Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 174
 2010-2012 Microchip Technology Inc.
TABLE 16-3:
SUMMARY OF REGISTERS ASSOCIATED WITH ADC
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
168
ADCON1
ADFM
ADCS<2:0>
—
ADNREF
ADPREF<1:0>
169
ADRESH
A/D Result Register High
170
ADRESL
A/D Result Register Low
170
ANSELA
—
—ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
132
ANSELF
ANSELF7
ANSELF6
ANSELF5
ANSELF4
ANSELF3
ANSELF2
ANSELF1
ANSELF0
147
ANSELG
—
—
—
ANSELG4 ANSELG3 ANSELG2 ANSELG1
—
150
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
238
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
131
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
134
TRISE
TRISE7
TRISE6
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
143
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
158
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS<1:0>
—
DACNSS
178
DACCON1
—
—
—
DACR<4:0>
178
Legend:
x = unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not
used for ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com