Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 17Page - Microchip Technology MCP98244 Datasheet HTML 18Page - Microchip Technology MCP98244 Datasheet HTML 19Page - Microchip Technology MCP98244 Datasheet HTML 20Page - Microchip Technology MCP98244 Datasheet HTML 21Page - Microchip Technology MCP98244 Datasheet HTML 22Page - Microchip Technology MCP98244 Datasheet HTML 23Page - Microchip Technology MCP98244 Datasheet HTML 24Page - Microchip Technology MCP98244 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 21
MCP98244
FIGURE 5-5:
Timing Diagram for Writing and Reading from the TUPPER Register (See Section 4.0
“Serial Communication”).
SDA
A
C
K
0
011
A
TUPPER Pointer
00
0
0
A
C
K
S
2
A
1
A
0
123
45
6
7
8
1
2
345
6
7
8
SCL
0
Address Byte
A
C
K
001
1
A
MSB Data
A
C
K
N
A
K
S
P
2
A
1
A
0
123
4
5
6
7
8
1
2
345
6
7
8
1
2
345
6
7
8
Address Byte
LSB Data
R
MCP98244
MCP98244
MCP98244
Master
Master
W
SDA
SCL
01
0
00
0
0
0
10
1
1
0
1
0
0
00
0
• Reading from the TUPPER Register.
• Writing 90°C to the TUPPER Register <0000 0101 1010 0000>b.
SDA
A
C
K
001
1
A
00
0
0
A
C
K
S
2
A
1
A
0
123
4
5
6
7
8
1
2
345
67
8
SCL
0
Address Byte
W
MCP98244
MCP98244
MSB Data
A
C
K
A
C
K
P
1
2
345
67
8
1
2
3
4567
8
LSB Data
TUPPER Pointer
MCP98244
MCP98244
01
0
00
00
0
10
1
1
0
1
0
0
00
0
Note:
It is not necessary to
select
the
register
pointer if it was set from
the previous read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com