Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 2Page - Microchip Technology MCP98244 Datasheet HTML 3Page - Microchip Technology MCP98244 Datasheet HTML 4Page - Microchip Technology MCP98244 Datasheet HTML 5Page - Microchip Technology MCP98244 Datasheet HTML 6Page - Microchip Technology MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology MCP98244 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MCP98244
DS22327C-page 6
 2012-2013 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -40°C to +125°C.
FIGURE 2-1:
Temperature Accuracy.
FIGURE 2-2:
Temperature Accuracy
Histogram, TA = + 85 °C.
FIGURE 2-3:
Temperature Accuracy
Histogram, TA = + 105 °C.
FIGURE 2-4:
Supply Current Vs.
Temperature.
FIGURE 2-5:
Shutdown Current Vs.
Temperature.
FIGURE 2-6:
Power On Reset Threshold
Voltage Vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1.0
0.0
1.0
2.0
3.0
V
DD = 1.7 V to 3.6 V
16 units
Spec. Limits
+Std. Dev.
Average
-3.0
-2.0
-40
-20
0
20
40
60
80
100
120
T
A (°C)
g
-Std. Dev.
25%
50%
75%
100%
T
A = +85 °C
V
DD = 1.7 V - 3.6 V
16 units
0%
Temperature Accuracy (°C)
25%
50%
75%
100%
T
A = +25 °C
V
DD = 1.7 V - 3.6 V
16 units
0%
Temperature Accuracy (°C)
150
200
250
300
EEPROM Write (Sensor in Shutdown Mode)
EEPROM Read (Sensor in Shutdown Mode)
50
100
-40
-20
0
20
40
60
80
100
120
T
A (°C)
Sensor (EEPROM Inactive)
025
0.50
0.75
1.00
0.00
0.25
-40
-20
0
20
40
60
80
100
120
T
A (°C )
1
1.2
1.4
1.6
1.8
Falling V
DD
Rising V
DD
0.6
0.8
-40
-20
0
20
40
60
80
100
120
T
A (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com