Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 3 Page - Microchip Technology

  MCP98244 Datasheet HTML 1Page - Microchip Technology MCP98244 Datasheet HTML 2Page - Microchip Technology MCP98244 Datasheet HTML 3Page - Microchip Technology MCP98244 Datasheet HTML 4Page - Microchip Technology MCP98244 Datasheet HTML 5Page - Microchip Technology MCP98244 Datasheet HTML 6Page - Microchip Technology MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 3
MCP98244
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 4.0V
Voltage at all Input/Output pins ............... GND – 0.3V to 4.0V
Pin A0 .......................................................GND – 0.3V to 11V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Junction Temperature (TJ) ..........................................+150°C
ESD protection on all pins (HBM:MM) ................. (4 kV:200V)
Latch-Up Current at each pin (25°C) ....................... ±200 mA
†Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
TEMPERATURE SENSOR DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground,
and TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Temperature Sensor Accuracy
+75°C < TA  +95°C
TACY
-1.0
±0.2
+1.0
°C
JC42.4 - TSE2004B1
Grade B Accuracy Specification
VDD = 1.7V to 3.6V
+40°C < TA  +125°C
-2.0
±0.5
+2.0
°C
-40°C < TA  +125°C
-3.0
±1
+3.0
°C
Temperature Conversion Time
0.5°C/bit
tCONV
—30
—
ms
0.25°C/bit
—
65
125
ms 15 s/sec (typical) (See Section 5.2.4)
0.125°C/bit
—
130
—
ms
0.0625°C/bit
—
260
—
ms
Power Supply
Specified Voltage Range
VDD
1.7
—
3.6
V
Operating Current
IDD_TS
—
100
500
µA
EEPROM Inactive
Shutdown Current
ISHDN
—
0.2
1
µA
EEPROM Inactive, I2C Bus Inactive,
TA = 85°C
Power On Reset (POR)
VPOR
—
1.4
1.6
V
Threshold for rising and falling VDD
Settling Time after POR
tPOR
—
—
1
ms For warm and cold power cycles
Line Regulation
°C
—
0.2
—
°C
VDD = 1.7V to 3.6V
Event Output (Open-Drain output, external pull-up resistor required), see Section 5.2.3
High-Level Current (leakage)
IOH
——
1
µA
VOH = VDD
Low-Level Voltage
VOL
——
0.4
V
IOL= 3 mA (Active-Low, Pull-up
Resistor)
Thermal Response, from +25°C (Air) to +125°C (oil bath)
TDFN-8
tRES
—
0.7
—
s
Time to 63% (89°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com