Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 16Page - Microchip Technology MCP98244 Datasheet HTML 17Page - Microchip Technology MCP98244 Datasheet HTML 18Page - Microchip Technology MCP98244 Datasheet HTML 19Page - Microchip Technology MCP98244 Datasheet HTML 20Page - Microchip Technology MCP98244 Datasheet HTML 21Page - Microchip Technology MCP98244 Datasheet HTML 22Page - Microchip Technology MCP98244 Datasheet HTML 23Page - Microchip Technology MCP98244 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
MCP98244
DS22327C-page 20
 2012-2013 Microchip Technology Inc.
5.1.3
UPPER/LOWER/CRITICAL
TEMPERATURE LIMIT REGISTERS
(TUPPER/TLOWER/TCRIT)
The MCP98244 device has a 16-bit read/write Event
output Temperature Upper-Boundary Trip register
(TUPPER), a 16-bit Lower-Boundary Trip register
(TLOWER) and a 16-bit Critical Boundary Trip register
(TCRIT) that contains 11-bit data in two’s complement
format (0.25°C). This data represents the maximum
and minimum temperature boundary or temperature
window that can be used to monitor ambient
temperature. If this feature is enabled (Section 5.1.2
“Sensor Configuration Register (CONFIG)”
) and the
ambient temperature exceeds the specified boundary
or window, the MCP98244 asserts an Event output.
(Refer
to
Section 5.2.3
“Event
Output
Configuration”
).
REGISTER 5-4:
UPPER/LOWER/CRITICAL TEMPERATURE LIMIT REGISTER (TUPPER/TLOWER/
TCRIT)  ADDRESS ‘0000 0010’b/‘0000 0011’b/‘0000 0100’b (Note 1)
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
——
—
Sign
27°C
26°C
25°C
24°C
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
23°C
22°C
21°C
20°C
2-1°C
2-2°C
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented:
Read as ‘0’
bit 12
Sign:
0
=TA 0°C
1
=TA  0°C
bit 11-2
TUPPER/TLOWER/TCRIT:
Temperature boundary trip data in two’s complement format.
bit 1-0
Unimplemented:
Read as ‘0’
Note 1:
This table shows two 16-bit registers for TUPPER, TLOWER and TCRIT located at ‘0000 0010b’,
‘0000 0011b’ and ‘0000 0100b’, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com