Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 10Page - Microchip Technology MCP98244 Datasheet HTML 11Page - Microchip Technology MCP98244 Datasheet HTML 12Page - Microchip Technology MCP98244 Datasheet HTML 13Page - Microchip Technology MCP98244 Datasheet HTML 14Page - Microchip Technology MCP98244 Datasheet HTML 15Page - Microchip Technology MCP98244 Datasheet HTML 16Page - Microchip Technology MCP98244 Datasheet HTML 17Page - Microchip Technology MCP98244 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MCP98244
DS22327C-page 14
 2012-2013 Microchip Technology Inc.
5.1.1
CAPABILITY REGISTER
This is a read-only register used to identify the
temperature sensor capability. The device capability bit
assignments are specified by TSE2004av, and this
device is factory configured to meet the default
conditions as described in Register 5-2 (these values
can not be changed).
For example, the MCP98244 device is capable of
providing temperature at 0.25°C resolution, measuring
temperature below and above 0°C, providing ±1°C and
±2°C accuracy over the active and monitor temperature
ranges
(respectively)
and
providing
user-
programmable temperature event boundary trip limits.
These functions are described in further detail in the
following sections.
REGISTER 5-2:
CAPABILITY REGISTER (READ-ONLY)
 ADDRESS ‘0000 0000’b
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
——
—
—
—
—
—
—
bit 15
bit 8
R-1
R-1
R-1
R-0
R-1
R-1
R-1
R-1
SHDN Status
tOUT Range
VHV
Resolution
Meas. Range
Accuracy
Temp Alarm
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented:
Read as ‘0’
bit 7
Event output status during Shutdown (SHDN Status):
0
=
Event output remains in previous state. If the output asserts before shutdown command, it
remains asserted during shutdown.
1
=
Event output deasserts during shutdown. After shutdown, it takes tCONV to re-assert the Event
output (power-up default)
bit 6
I2C Bus time-out (tOUT Range):
0
=
Bus time-out range is 10 ms to 60 ms
1
=
Bus time-out range is 25 ms to 35 ms (power-up default)
bit 5
High Voltage Input
0
=
Pin A0 does not accept High Voltage
1
=
Pin A0 accepts High Voltage for the EEPROM Write Protect feature (power-up default)
bit 4-3
Resolution:
00
= 0.5°C
01
= 0.25°C (power up default)
10
= 0.125°C
11
= 0.0625°C
These bits reflect the selected resolution (see Section 5.2.4 “Temperature Resolution”)
bit 2
Temperature Measurement Range (Meas. Range):
0
=TA 0 (decimal) for temperature below 0°C
1
=
The part can measure temperature below 0°C (power-up default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com