Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 11Page - Microchip Technology MCP98244 Datasheet HTML 12Page - Microchip Technology MCP98244 Datasheet HTML 13Page - Microchip Technology MCP98244 Datasheet HTML 14Page - Microchip Technology MCP98244 Datasheet HTML 15Page - Microchip Technology MCP98244 Datasheet HTML 16Page - Microchip Technology MCP98244 Datasheet HTML 17Page - Microchip Technology MCP98244 Datasheet HTML 18Page - Microchip Technology MCP98244 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 15
MCP98244
FIGURE 5-2:
Timing Diagram for Reading the Capability Register (See Section 4.0 “Serial
Communication”).
bit 1
Accuracy:
0
=Accuracy
±2°C from +75°C to +95°C (Active Range) and ±3°C from +40°C to +125°C
(Monitor Range)
1
=Accuracy
±1°C from +75°C to +95°C (Active Range) and ±2°C from +40°C to +125°C
(Monitor Range)
bit 0
Temperature Alarm:
0
=
No defined function (This bit will never be cleared or set to ‘0.’)
1
=
The part has temperature boundary trip limits (TUPPER/TLOWER/TCRIT registers) and a
temperature event output (JC 42.4 required feature)
REGISTER 5-2:
CAPABILITY REGISTER (READ-ONLY)
 ADDRESS ‘0000 0000’b (CONTINUED)
SDA
A
C
K
0
011
A
Capability Pointer
00
0
0
A
C
K
S
2
A
1
A
0
123
45
6
7
8
1
2
345
6
7
8
SCL
0
Address Byte
A
C
K
00
1
1
A
MSB Data
A
C
K
N
A
K
S
P
2
A
1
A
0
12
3
4
567
8
1
2
345
6
7
8
12
3
4
567
8
Address Byte
LSB Data
R
MCP98244
MCP98244
MCP98244
Master
Master
W
SDA
SCL
00
0
00
00
0
00
0
0
0
0
0
1
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com