Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 19Page - Microchip Technology MCP98244 Datasheet HTML 20Page - Microchip Technology MCP98244 Datasheet HTML 21Page - Microchip Technology MCP98244 Datasheet HTML 22Page - Microchip Technology MCP98244 Datasheet HTML 23Page - Microchip Technology MCP98244 Datasheet HTML 24Page - Microchip Technology MCP98244 Datasheet HTML 25Page - Microchip Technology MCP98244 Datasheet HTML 26Page - Microchip Technology MCP98244 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 23
MCP98244
5.1.4.1
TA bits to Temperature Conversion
To convert the TA bits to decimal temperature, the
upper three boundary bits (15, 14 and 13) must be
masked out. Then determine the sign bit (bit 12) to
check positive or negative temperature, shift the bits
accordingly and combine the upper and lower bytes of
the 16-bit register. The upper byte contains data for
temperatures greater than 32°C, while the lower byte
contains data for temperature less than 32°C, including
fractional data. When combining the upper and lower
bytes, the upper byte must be Right-shifted by 4 bits (or
multiply by 24) and the lower byte must be Left-shifted
by 4 bits (or multiply by 2-4). Adding the results of the
shifted values provides the temperature data in decimal
format; see Equation 5-1.
The temperature bits are in two’s complement format,
therefore, positive temperature data and negative tem-
perature data are computed differently. Equation 5-1
shows the temperature computation. The example
instruction code outlined in Figure 5-6 shows the
communication flow, also see Figure 5-7 for timing
diagram.
EQUATION 5-1:
BYTES TO
TEMPERATURE
CONVERSION
FIGURE 5-6:
Example Instruction Code.
Where:
TA = Ambient Temperature (°C)
UpperByte = TA bit 11 to bit 8
LowerByte = TA bit 7 to bit 0
Temperature
 0°C (bit 12 or Sign bit = 0)
Temperature
 0°C (bit 12 or Sign bit = 1)
T
A
UpperByte
2
4
LowerByte
2
4
–
+

=
T
A
UpperByte
2
4
LowerByte
2
4
–
+
 256
–
=
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE);
//WRITE Command
//also, make sure bit 0 is cleared ‘0’
i2c_write(0x05);
// Write TA Register Address
i2c_start();
//Repeat START
i2c_write(AddressByte | 0x01);
// READ Command
//also, make sure bit 0 is Set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits
//and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits
//and Send NAK bit
i2c_stop();
// send STOP command
//Convert the temperature data
//First Check flag bits
if ((UpperByte & 0x80) == 0x80){
//TA TCRIT
}
if ((UpperByte & 0x40) == 0x40){
//TA TUPPER
}
if ((UpperByte & 0x20) == 0x20){
//TA TLOWER
}
UpperByte = UpperByte & 0x1F;
//Clear flag bits
if ((UpperByte & 0x10) == 0x10){
//TA  0°C
UpperByte = UpperByte & 0x0F;
//Clear SIGN
Temperature = 256 - (UpperByte x 16 + LowerByte / 16);
}else
//TA  0°C
Temperature = (UpperByte x 16 + LowerByte / 16);
//
Temperature = Ambient Temperature (°C)
This example routine assumes the variables and I2C communication subroutines are predefined:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com