Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 4 Page - Microchip Technology

  MCP98244 Datasheet HTML 1Page - Microchip Technology MCP98244 Datasheet HTML 2Page - Microchip Technology MCP98244 Datasheet HTML 3Page - Microchip Technology MCP98244 Datasheet HTML 4Page - Microchip Technology MCP98244 Datasheet HTML 5Page - Microchip Technology MCP98244 Datasheet HTML 6Page - Microchip Technology MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MCP98244
DS22327C-page 4
 2012-2013 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
MCP98244 EEPROM DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground,
and TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Current, EEPROM write (for tWC)IDD_EE
—
250
2000
µA
Sensor in Shutdown Mode
Current, EEPROM read
IDD_EE
—
100
500
µA
Write Cycle time (byte/page)
tWC
—3
5
ms
Endurance TA = +25°C
—
—
10k
—
cycles Write Cycles, VDD = 3.3V (Note 1, Note 2)
EEPROM Write Temperature
EEWRITE
0—
85
°C
EEPROM Read Temperature
EEREAD
-40
—
125
°C
For minimum read temperature, see Note 1
Write Protect Voltage
SWP and CWP Voltage
VHV
7
—
10
V
Applied at A0 pin
Note 1:
Characterized but not production tested.
2:
For endurance estimates in a specific application, please consult the Total Endurance™ Model, which can
be obtained from Microchip’s web site at www.microchip.com/TotalEndurance.
INPUT/OUTPUT PIN DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground and
TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Serial Input/Output (SCL, SDA, A0, A1, A2)
Input
High-Level Voltage
VIH
0.7VDD
——
V
Low-Level Voltage
VIL
—
—
0.3VDD
V
Input Current
IIN
—
—
±5
µA
SDA and SCL only
Input Impedance (A0, A1, A2)
ZIN
—1
—
M
VIN > VIH
Input Impedance (A0, A1, A2)
ZIN
—
200
—
k
VIN < VIL
Output (SDA only)
Low-Level Voltage
VOL
——
0.4
V
IOL= 3 mA
High-Level Current (leakage)
IOH
——
1
µA
VOH = VDD
Low-Level Current
IOL
20
—
—
mA
VOL = 0.4V; VDD ≥ 2.2V
6—
—
mA
VOL = 0.6V
Capacitance
CIN
—5
—
pF
SDA and SCL Inputs
Hysteresis
VHYST
—
0.05VDD
—V
Spike Suppression
TSP
—
—
50
ns
Electrical Specifications:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground,
and TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Note 1
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-TDFN
JA
—52.5
—
°C/W
Note 1:
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com