Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 25Page - Microchip Technology MCP98244 Datasheet HTML 26Page - Microchip Technology MCP98244 Datasheet HTML 27Page - Microchip Technology MCP98244 Datasheet HTML 28Page - Microchip Technology MCP98244 Datasheet HTML 29Page - Microchip Technology MCP98244 Datasheet HTML 30Page - Microchip Technology MCP98244 Datasheet HTML 31Page - Microchip Technology MCP98244 Datasheet HTML 32Page - Microchip Technology MCP98244 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 29
MCP98244
5.2.3.1
Comparator Mode
Comparator mode is selected using bit 0 of CONFIG. In
this mode, the Event output is asserted as active-high
or active-low using bit 1 of CONFIG. Figure 5-9 shows
the conditions that toggle the Event output.
If the device enters Shutdown mode with asserted
Event output, the output will deassert. It will remain
deasserted until the device enters Continuous Conver-
sion mode and after the first temperature conversion is
completed, tCONV. After the initial temperature conver-
sion, TA must satisfy the TUPPER or TLOWER boundary
conditions in order for Event output to be asserted.
Comparator mode is useful for thermostat-type
applications, such as turning on a cooling fan or
triggering a system shutdown when the temperature
exceeds a safe operating range.
5.2.3.2
Interrupt Mode
In the Interrupt mode, the Event output is asserted as
active-high or active-low (depending on the polarity
configuration) when TA drifts above or below TUPPER
and TLOWER limits. The output is de asserted by setting
bit 5 (Interrupt Clear) of CONFIG. If the device enters
Shutdown mode with asserted Event output, the output
will deassert. It will remain deasserted until the device
enters Continuous Conversion mode and after the first
temperature conversion is completed, tCONV. If the inter-
rupt clear bit (Bit 5) is never set, then the Event output will
reassert after the first temperature conversion.
In addition, if TA ≥ TCRIT the Event output is forced as
Comparator mode and asserts until TA < TCRIT - THYST.
While the Event output is asserted, the user must send
the Clear Interrupt command (bit 5 of CONFIG) for Event
output to deassert, when temperature drops below the
critical limit, TA < TCRIT - THYST. Otherwise, Event output
remains asserted (see Figure 5-9 for a graphical descrip-
tion). Switching from Interrupt mode to Comparator mode
also deasserts Event output.
This mode is designed for interrupt-driven microcontrol-
ler-based systems. The microcontroller receiving the
interrupt will have to acknowledge the interrupt by setting
bit 5 of CONFIG register from the MCP98244.
5.2.4
TEMPERATURE RESOLUTION
The MCP98244 device is capable of providing tem-
perature data with 0.5°C to 0.0625°C resolution. The
Resolution can selected using the Resolution register
(Register 5-8)
which
is
located
in
address
‘00001001’b. This address location is not specified in
JEDEC Standard JC42.4. However, it provides
additional flexibility while being functionally compatible
with JC42.4 and provides a 0.25°C resolution at
125 ms (max.). In order to prevent accidentally chang-
ing the resolution and exceeding the 125 ms conver-
sion time, the device must be in Shutdown mode to
change this register. The selected resolution can be
read by user using bit 4 and bit 3 of the Capability reg-
ister (Register 5-2). A 0.25°C resolution is set as POR
default by factory.
TABLE 5-2:
TEMPERATURE
CONVERSION TIME
Resolution
tCONV
(ms)
Samples/sec
(typical)
0.5°C
30
33
0.25°C
(Power-up default)
65
15
0.125°C
130
8
0.0625°C
260
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com