Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 35Page - Microchip Technology MCP98244 Datasheet HTML 36Page - Microchip Technology MCP98244 Datasheet HTML 37Page - Microchip Technology MCP98244 Datasheet HTML 38Page - Microchip Technology MCP98244 Datasheet HTML 39Page - Microchip Technology MCP98244 Datasheet HTML 40Page - Microchip Technology MCP98244 Datasheet HTML 41Page - Microchip Technology MCP98244 Datasheet HTML 42Page - Microchip Technology MCP98244 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 39
MCP98244
5.4
Summary of Power-On Default
The MCP98244 has an internal Power-On Reset
(POR) circuit. If the power supply voltage VDD glitches
down to the VPOR_TS and VPOR_EE thresholds, the
device resets the registers to the power-on default
settings.
Table 5-8 shows the power-on default summary for the
temperature sensor. The EEPROM resets the address
pointer to 0x00 hex.
TABLE 5-8:
MCP98244 TEMPERATURE SENSOR POWER-ON RESET DEFAULTS
Registers
Default Register
Data (Hexadecimal)
Power-Up Default
Register Description
Address
(Hexadecimal)
Register Name
0x00
Capability
0x00EF
Event output deasserts in Shutdown
I2C time out 25 ms to 35 ms
Accepts VHV at A0 pin
0.25°C Measurement Resolution
Measures temperature below 0°C
±1°C accuracy over active range
Temperature event output
0x01
CONFIG
0x0000
Comparator mode
Active-Low output
Event and critical output
Output disabled
Event not asserted
Interrupt cleared
Event limits unlocked
Critical limit unlocked
Continuous conversion
0°C Hysteresis
0x02
TUPPER
0x0000
0°C
0x03
TLOWER
0x0000
0°C
0x04
TCRIT
0x0000
0°C
0x05
TA
0x0000
0°C
0x06
Manufacturer ID
0x0054
—
0x07
TSE2004av
Device ID/ Device Revision
0x2201
—
0x08
Microchip
Device ID/ Device Revision
0x2201
—
0x09
Resolution
0x0001
0.25°C Measurement Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com