Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 1 Page - Microchip Technology

  MCP98244 Datasheet HTML 1Page - Microchip Technology MCP98244 Datasheet HTML 2Page - Microchip Technology MCP98244 Datasheet HTML 3Page - Microchip Technology MCP98244 Datasheet HTML 4Page - Microchip Technology MCP98244 Datasheet HTML 5Page - Microchip Technology MCP98244 Datasheet HTML 6Page - Microchip Technology MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 1
MCP98244
Features
• Meets JEDEC Specification
- MCP98244 --> JC42.4-TSE2004B1
Temperature Sensor with 4 Kbit Serial
EEPROM for Serial Presence Detect (SPD)
•1MHz, 2-wire I2C™ Interface
• Specified VDD Range: 1.7V to 3.6V
• Operating Current: 100 µA (typ., EEPROM Idle)
• Available Package: TDFN-8
Temperature Sensor Features
• Temperature-to-Digital Converter (°C)
• Sensor Accuracy (Grade B):
- ±0.2°C/±1°C (typ./max.)
+75°C to +95°C
- ±0.5°C/±2°C (typ./max.)
+40°C to +125°C
- ±1°C/±3°C (typ./max.)
-40°C to +125°C
Serial EEPROM Features
• Operating Current:
-Write
250 µA (typical) for 3 ms (typical)
- Read
100 µA (typical)
• Reversible Software Write Protect
• Software Write Protection for each 1 Kbit Block
• Organized as two banks of 256 x 8-bit (2 Kbit x 2)
Typical Applications
• DIMM Modules for Servers, PCs, and Laptops
• Temperature Sensing for Solid State Drive (SSD)
• General Purpose Temperature Datalog
Description
Microchip
Technology
Inc.’s
MCP98244
digital
temperature sensor converts temperature from -40°C
and +125°C to a digital word. This sensor meets
JEDEC Specification JC42.4-TSE3000B1 Memory
Module Thermal Sensor Component. It provides an
accuracy of ±0.2°C/±1°C (typical/maximum) from
+75°C to +95°C with an operating voltage of 1.7V to
3.6V. In addition, MCP98244 has an integrated
EEPROM with two banks of 256 by 8 bit EEPROM (4k
Bit) which can be used to store memory module details
and vendor information.
The MCP98244 digital temperature sensor comes with
user-programmable registers that provide flexibility for
DIMM temperature-sensing applications. The registers
allow user-selectable settings such as Shutdown or
Low-Power
modes
and
the
specification
of
temperature Event boundaries. When the temperature
changes beyond the specified Event boundary limits,
the MCP98244 outputs an Alert signal at the Event pin.
The user has the option of setting the temperature
Event output signal polarity as either an active-low or
active-high comparator output for thermostat operation,
or as a temperature Event interrupt output for
microprocessor-based systems.
The MCP98244 EEPROM is designed specifically for
DRAM DIMMs (Dual In-line Memory Modules) Serial
Presence Detect (SPD). It has four 128 Byte pages,
which can be Software Write Protected individually.
This allows DRAM vendor and product information to
be stored and write-protected.
This sensor has an industry standard I2C Fast Mode
Plus compatible 1 MHz serial interface.
Package Types
DIMM MODULE
MCP98244
8-Pin 2x3 TDFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SCL
Event
SDA
A1
A2
1
2
3
4
8
7
6
5
GND
A0
VDD
EP
9
DDR4 DIMM Temperature Sensor with EEPROM for SPD


Similar Part No. - MCP98244

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP98244 MICROCHIP-MCP98244 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP98244 MICROCHIP-MCP98244 Datasheet
1Mb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
MCP98244T MICROCHIP-MCP98244T Datasheet
1Mb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
MCP98244T-BE/MNY MICROCHIP-MCP98244T-BE/MNY Datasheet
1Mb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
More results

Similar Description - MCP98244

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
ON Semiconductor
N34C04 ONSEMI-N34C04 Datasheet
101Kb / 11P
4-Kb Serial SPD EEPROM for DDR4 DIMM
November, 2016 ??Rev. 0
logo
Integrated Device Techn...
TSE2004GB2C0 IDT-TSE2004GB2C0 Datasheet
981Kb / 38P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com