Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98244 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 3Page - Microchip Technology MCP98244 Datasheet HTML 4Page - Microchip Technology MCP98244 Datasheet HTML 5Page - Microchip Technology MCP98244 Datasheet HTML 6Page - Microchip Technology MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology MCP98244 Datasheet HTML 10Page - Microchip Technology MCP98244 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
 2012-2013 Microchip Technology Inc.
DS22327C-page 7
MCP98244
Note:
Unless otherwise indicated, VDD = 1.7V to 3.6V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -40°C to +125°C.
FIGURE 2-7:
Event Output and SDA VOL
Vs. Temperature.
FIGURE 2-8:
Temperature Conversion
Rate Vs. Temperature.
FIGURE 2-9:
SDA IOL Vs. Temperature.
FIGURE 2-10:
Line Regulation: Change in
Temperature Accuracy Vs. Change in VDD.
FIGURE 2-11:
I2C Protocol Time-out Vs.
Temperature.
01
0.2
0.3
0.4
SDA, I
OL = 20 mA
V
DD = 2.2 V to 3.6 V
0
0.1
-40
-20
0
20
40
60
80
100
120
T
A (°C)
Event, I
OL = 3 mA
50
75
100
125
150
175
200
0.0625 °C/LSb
0.125 °C/LSb
0
25
50
-40
-20
0
20
40
60
80
100
120
T
A (°C)
0.25 °C/LSb
0.5 °C/LSb
20
30
40
50
V
OL = 0.6V
10
20
-40
-20
0
20
40
60
80
100
120
T
A (°C)
-1.0
0.0
1.0
2.0
3.0
V
DD = 1.7 V
V
DD = 3.6 V
-3.0
-2.0
-40
-20
0
20
40
60
80
100
120
T
A (°C)
30
35
25
-40
-20
0
20
40
60
80
100
120
T
A (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com