Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 18Page - Microchip Technology MCP2155_13 Datasheet HTML 19Page - Microchip Technology MCP2155_13 Datasheet HTML 20Page - Microchip Technology MCP2155_13 Datasheet HTML 21Page - Microchip Technology MCP2155_13 Datasheet HTML 22Page - Microchip Technology MCP2155_13 Datasheet HTML 23Page - Microchip Technology MCP2155_13 Datasheet HTML 24Page - Microchip Technology MCP2155_13 Datasheet HTML 25Page - Microchip Technology MCP2155_13 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
MCP2155
DS21690B-page 22
Preliminary
 2001-2013 Microchip Technology Inc.
2.14
Optical Transceiver
The MCP2155 requires an infrared transceiver. The
transceiver can be a integrated solution. Table 2-5
shows a list of common manufacturers of integrated
optical transceivers. A typical optical transceiver circuit
using a Vishay/Temic TFDS4500 is shown in Figure 2-
12.
FIGURE 2-12:
TYPICAL OPTICAL
TRANSCEIVER
CIRCUIT
The optical transceiver logic can be implemented with
discrete components, for component cost savings.
Care must be taken in the design and layout of the
photo detect circuit. This is due to the small signals that
are being detected and their sensitivity to noise. A dis-
crete implementation of the optical transceiver logic is
implemented on the MCP2120 and MCP2150 Devel-
oper’s Kit boards.
2.15
References
The IrDA Standards download page can be found at:
http://www.irda.org/standards/specifications
Some common manufacturers of Optical Transceivers
are shown in Table 2-5.
TABLE 2-5:
COMMON OPTICAL
TRANSCEIVER
MANUFACTURERS
Note:
The discrete optical transceiver implemen-
tation on the MCP2120 and MCP2150
Developer’s Kit boards may not meet the
IrDA specifications for the physical layer
(IrPHY). Any discrete solution will require
appropriate validation for the user’s appli-
cation.
+5V
+5V
R11
22
TFDS4500
U6
8
7
6
5
47
R13
1
2
3
4
C18
.1
F
RXIR
Pin 3)
(To MCP2155
Pin 2)
TXIR
(To MCP2155
Company
Company Web Site Address
Infineon
www.infineon.com
Agilent
www.agilent.com
Vishay/Temic
www.vishay.com
Rohm
www.rohm.com
21690B.book Page 22 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com