Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 5Page - Microchip Technology MCP2155_13 Datasheet HTML 6Page - Microchip Technology MCP2155_13 Datasheet HTML 7Page - Microchip Technology MCP2155_13 Datasheet HTML 8Page - Microchip Technology MCP2155_13 Datasheet HTML 9Page - Microchip Technology MCP2155_13 Datasheet HTML 10Page - Microchip Technology MCP2155_13 Datasheet HTML 11Page - Microchip Technology MCP2155_13 Datasheet HTML 12Page - Microchip Technology MCP2155_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 9
MCP2155
2.6
Modulation
The data that the MCP2155 UART received (on the TX
pin) that needs to be transmitted (on the TXIR pin), will
need to be modulated. This modulated signal drives the
IR transceiver module. Figure 2-3 shows the encoding
of the modulated signal.
Each bit time is comprised of 16-bit clocks. If the value
to be transmitted (as determined by the TX pin) is a
logic low, then the TXIR pin will output a low level for
7-bit clock cycles, a logic high level for 3-bit clock
cycles or a minimum of 1.6
S (see parameter IR121),
and then the remaining 6-bit clock cycles (or difference
up to the 16-bit clock time) will be low. If the value to
transmit is a logic high, then the TXIR pin will output a
low level for the entire 16-bit clock cycles.
2.7
Demodulation
The modulated signal (data) from the IR transceiver
module (on RXIR pin) needs to be demodulated to form
the received data (on RX pin). After demodulation of
the data byte occurs, the data that is received is trans-
mitted by the MCP2155 UART (on the RX pin).
Figure 2-4 shows the decoding of the modulated
signal.
Each bit time is comprised of 16 bit clocks. If the value
to be received is a logic low, then the RXIR pin will be
a low level for the first 3-bit clock cycles or a minimum
of 1.6 µs, and then the remaining 13-bit clock cycles (or
difference up to the 16-bit clock time) will be high. If the
value to be received is a logic high, then the RXIR pin
will be a high level for the entire 16-bit clock cycles. The
level on the RX pin will be in the appropriate state for
the entire 16 clock cycles.
FIGURE 2-3:
ENCODING
FIGURE 2-4:
DECODING
Note:
The signal on the TXIR pin does not actu-
ally line up in time with the bit value that
was transmitted on the TX pin as shown in
Figure 2-3. The TX bit value is shown to
represent the value to be transmitted on
the TXIR pin.
Note:
The signal on the RX pin does not actually
line up in time with the bit value that was
received on the RXIR pin as shown in
Figure 2-4. The RXIR bit value is shown to
represent the value to be transmitted on
the RX pin.
BITCLK
TX Bit
TXIR
01
0
0
0
1
16 CLK
7 CLK
Start Bit
Data bit 0
Data bit 1
Data bit 2
Data bit ...
24 Tosc
Value
BITCLK
RX
RXIR Bit
01
0
0
0
1
 1.6 µs (up to 3 CLK)
 13 CLK
16 CLK
16 CLK
16 CLK
16 CLK
16 CLK
16 CLK
16 CLK
Start Bit
Data bit 0
Data bit 1
Data bit 2
Data bit ...
(CLK)
Value
21690B.book Page 9 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com