Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 25Page - Microchip Technology MCP2155_13 Datasheet HTML 26Page - Microchip Technology MCP2155_13 Datasheet HTML 27Page - Microchip Technology MCP2155_13 Datasheet HTML 28Page - Microchip Technology MCP2155_13 Datasheet HTML 29Page - Microchip Technology MCP2155_13 Datasheet HTML 30Page - Microchip Technology MCP2155_13 Datasheet HTML 31Page - Microchip Technology MCP2155_13 Datasheet HTML 32Page - Microchip Technology MCP2155_13 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 29
MCP2155
DC Characteristics (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature:
–40°C
 TA  +85°C (industrial)
Operating voltage VDD range as described in DC spec Section 4.1
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
Output Low Voltage
D080
VOL
TXIR, RX, DSR, and CTS pins
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
D083
OSC2
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V
Output High Voltage
D090
VOH
TXIR, RX, DSR, and CTS pins
(Note 1)
VDD - 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
D092
OSC2
VDD - 0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V
Capacitive Loading Specs
on Output Pins
D100
COSC2
OSC2 pin
—
—
15
pF
when external clock is used
to drive OSC1.
D101
CIO
All Input or Output pins
—
—
50
pF
Note 1: Negative current is defined as coming out of the pin.
21690B.book Page 29 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com