Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 7Page - Microchip Technology MCP2155_13 Datasheet HTML 8Page - Microchip Technology MCP2155_13 Datasheet HTML 9Page - Microchip Technology MCP2155_13 Datasheet HTML 10Page - Microchip Technology MCP2155_13 Datasheet HTML 11Page - Microchip Technology MCP2155_13 Datasheet HTML 12Page - Microchip Technology MCP2155_13 Datasheet HTML 13Page - Microchip Technology MCP2155_13 Datasheet HTML 14Page - Microchip Technology MCP2155_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 11
MCP2155
The IrDA standard specifies the following protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The IrDA data lists optional protocols. These are:
•Tiny TP
• IrTran-P
• IrOBEX
•IrLAN
•IrCOMM
•IrMC
•IrDA Lite
Figure 2-6 shows the IrDA data protocol stack and
which components are implemented by the MCP2155.
FIGURE 2-6:
IRDA DATA - PROTOCOL
STACKS
2.9.1
IrDA DATA PROTOCOLS
SUPPORTED BY MCP2155
The MCP2155 supports these required IrDA standard
protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The MCP2155 also supports some of the optional pro-
tocols for IrDA data. The optional protocols that the
MCP2155 implements are:
•Tiny TP
•IrCOMM
2.9.1.1
Physical Signal Layer (PHY)
The MCP2155 provides the following Physical Signal
Layer specification support:
• Bi-directional communication
• Data Packets are protected by a CRC
- 16-bit CRC for speeds up to 115.2 kbaud
• Data Communication Rate
- 9600 baud minimum data rate (with primary
speed/cost steps of 115.2 kbaud)
The following Physical Layer Specification is depen-
dant on the optical transceiver logic used in the appli-
cation. The specification states:
• Communication Range, which sets the end user
expectation for discovery, recognition and perfor-
mance
- Continuous operation from contact to at least
1 meter (typically 2 meters can be reached)
- A low power specification reduces the objec-
tive for operation from contact to at least
20 cm (low power and low power) or 30 cm
(low power and standard power).
IrComm (1)
IR Link Management - Mux (IrLMP)
IR Link Access Protocol (IrLAP)
Optional IrDA data
protocols not
Supported by
the MCP2155
supported by
the MCP2155
IrTran-P
IrObex IrLan
IrMC
LM-IAS
Tiny Transport Protocol (Tiny TP)
Synchronous
4 PPM
(4 Mb/s)
Synchronous
Serial IR
(1.152 Mb/s)
Asynchronous
Serial IR (2)
(9600 -115200 b/s)
Note 1: The MCP2155 implements the 9-wire
“cooked" service class serial replicator
2: An optical transceiver is required
21690B.book Page 11 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com