Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 16Page - Microchip Technology MCP2155_13 Datasheet HTML 17Page - Microchip Technology MCP2155_13 Datasheet HTML 18Page - Microchip Technology MCP2155_13 Datasheet HTML 19Page - Microchip Technology MCP2155_13 Datasheet HTML 20Page - Microchip Technology MCP2155_13 Datasheet HTML 21Page - Microchip Technology MCP2155_13 Datasheet HTML 22Page - Microchip Technology MCP2155_13 Datasheet HTML 23Page - Microchip Technology MCP2155_13 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
MCP2155
DS21690B-page 20
Preliminary
 2001-2013 Microchip Technology Inc.
EXAMPLE 2-1:
PIC16Fxx Code to Program the Device ID
;#define
dtr
PORTx, Pinx
; Must specify which Port and Which Pin
;#define
cts
PORTx, Pinx
; Must specify which Port and Which Pin
;#define
rts
PORTx, Pinx
; Must specify which Port and Which Pin
;#define
clr
PORTx, Pinx
; Must specify which Port and Which Pin
;
;*****************************************************************
; String Table
; This table stores a string, breg is the offset.
The string
; is terminated by a null character.
;*****************************************************************
string1 clrf
PCLATH
; this routine is on page 0
movf
breg, W
; get the offset
addwf
PCL, F
; add the offset to PC
DT
D'15'
; the first byte is the byte count
DT
"My IR ID String"
;
UpdateID
call
deviceInit
; Initialize the PIC16Fxxx
bcf
clr
; place the MCP2155 in reset
bsf
dtr
; Force the DTR pin High for program mode
bcf
rts
; Force the RTS pin Low for program mode
call
delay1mS
; delay for 1 ms.
bsf
clr
; allow the MCP2155 to come out of reset
;
clrf
LoopCnt
; LoopCnt = 0
ctsLP1
call
delay1mS
; delay for 1 ms.
btfss
cts
; if cts=0 then we're ready to program
goto
ctsLow
; MCP2155 is ready to receive data
decfsz LoopCnt, F
;
goto
ctsLP1
; NO, wait for MCP2155 to be ready
goto
StuckReset
; The MCP2150 did not exit reset, do your recovery
;
in this routine.
21690B.book Page 20 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com