Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 2Page - Microchip Technology MCP2155_13 Datasheet HTML 3Page - Microchip Technology MCP2155_13 Datasheet HTML 4Page - Microchip Technology MCP2155_13 Datasheet HTML 5Page - Microchip Technology MCP2155_13 Datasheet HTML 6Page - Microchip Technology MCP2155_13 Datasheet HTML 7Page - Microchip Technology MCP2155_13 Datasheet HTML 8Page - Microchip Technology MCP2155_13 Datasheet HTML 9Page - Microchip Technology MCP2155_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MCP2155
DS21690B-page 6
Preliminary
 2001-2013 Microchip Technology Inc.
1.1.1
SIGNAL DIRECTIONS
Table 1-3 shows the direction of the MCP2155 signals.
The MCP2155 is designed for use in Data Communi-
cation Equipment (DCE) applications.
TABLE 1-3:
MCP2155 SIGNAL DIRECTION
CD
17
17
19
I
ST
Carrier Detect. The state of this bit is communicated to the IrDA
Primary Device.
1 = No Carrier Present
0 = Carrier Present
BAUD1
18
18
20
I
ST
BAUD1:BAUD0 specify the baud rate of the device. For more
information see Section 2.5.1.
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
SOIC
SSOP
Legend:
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS compatible input
DB-9
Pin #
Signal
Direction
Comment
1CD
HC
 MCP2155 Carrier Detect
2
RX
MCP2155
 HC Received Data
3TX
HC
 MCP2155 Transmit Data
4DTR
HC
 MCP2155 Data Terminal
Ready
5
GND
—
Ground
6
DSR
MCP2155
 HC Data Set Ready
7RTS
HC
 MCP2155 Request to Send
8
CTS
MCP2155
 HC Clear to Send
9RI
HC
 MCP2155 Ring Indicator
Legend:
HC = Host Controller
21690B.book Page 6 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com