Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2155_13 Datasheet HTML 1Page - Microchip Technology MCP2155_13 Datasheet HTML 2Page - Microchip Technology MCP2155_13 Datasheet HTML 3Page - Microchip Technology MCP2155_13 Datasheet HTML 4Page - Microchip Technology MCP2155_13 Datasheet HTML 5Page - Microchip Technology MCP2155_13 Datasheet HTML 6Page - Microchip Technology MCP2155_13 Datasheet HTML 7Page - Microchip Technology MCP2155_13 Datasheet HTML 8Page - Microchip Technology MCP2155_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 1
MCP2155
Features
• Implements the IrDA® standard including:
-IrLAP
-IrLMP
-IAS
-TinyTP
- IrCOMM (9-wire “cooked” service class)
• Provides IrDA standard physical signal layer
support including:
- Bi-directional communication
- CRC implementation
- Data communication rates up to 115.2 kbaud
• Includes UART to IrDA standard bit encoder/
decoder functionality:
- Easily interfaces to industry standard UARTs
and infrared transceivers
• UART interface for connecting to Data
Communicating Equipment (DCE) systems
• Transmit/Receive formats (bit width) supported:
-1.63 µs
• Hardware baud rate selection for UART
- 9.6 kbaud
- 19.2 kbaud
- 57.6 kbaud
- 115.2 kbaud
• Infrared baud rates supported
- 9.6 kbaud
- 19.2 kbaud
- 38.4 kbaud
- 57.6 kbaud
- 115.2 kbaud
• 64 Byte Data Packet Size
• Programmable Device ID String
• Operates as Secondary Device
CMOS Technology
• Low-power, high-speed CMOS technology
• Fully static design
• Low voltage operation
• Industrial temperature range
• Low power consumption
- < 1 mA @ 3.3V, 11.0592 MHz (typical)
- 3 mA typical @ 5.0V when disabled
Pin Diagrams
Block Diagram
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
1
19
18
16
15
14
13
12
11
17
18
17
15
14
13
12
11
10
16
20
OSC2
OSC1/CLKI
VSS
VSS
VDD
VDD
BAUD1
CD
CTS
RTS
TX
RX
RI
DSR
DTR
TXIR
RXIR
RESET
EN
BAUD0
VSS
TX
RX
RI
TXIR
RXIR
RESET
EN
BAUD0
OSC2
OSC1/CLKI
VDD
BAUD1
CD
CTS
RTS
DSR
DTR
PDIP, SOIC
SSOP
Encode and
Protocol Stack
TX
TXIR
RX
RXIR
EN
MCP2155
Logic
Baud Rate
RTS
Generator
BAUD1
BAUD0
CD
UART
Control
CTS
DSR
DTR
RI
OSC1
OSC2
Protocol Stack
Handler and
Handler
Decode
IrDA® Standard Protocol Stack Controller
Supporting DCE Applications
21690B.book Page 1 Thursday, January 10, 2013 1:06 PM


Similar Part No. - MCP2155_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
MCP2155-I/P MICROCHIP-MCP2155-I/P Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2155-I/SO MICROCHIP-MCP2155-I/SO Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2155-IP MICROCHIP-MCP2155-IP Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
MCP2155-ISO MICROCHIP-MCP2155-ISO Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
More results

Similar Description - MCP2155_13

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2140 MICROCHIP-MCP2140_03 Datasheet
936Kb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2140A MICROCHIP-MCP2140A Datasheet
747Kb / 60P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2007
MCP2140 MICROCHIP-MCP2140_13 Datasheet
1Mb / 58P
IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
10/26/12
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Microchip Technology
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
Nanjing Qinheng Microel...
CH395 WCH-CH395 Datasheet
348Kb / 32P
Ethernet protocol stack chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com