Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 3Page - Microchip Technology MCP2155_13 Datasheet HTML 4Page - Microchip Technology MCP2155_13 Datasheet HTML 5Page - Microchip Technology MCP2155_13 Datasheet HTML 6Page - Microchip Technology MCP2155_13 Datasheet HTML 7Page - Microchip Technology MCP2155_13 Datasheet HTML 8Page - Microchip Technology MCP2155_13 Datasheet HTML 9Page - Microchip Technology MCP2155_13 Datasheet HTML 10Page - Microchip Technology MCP2155_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 7
MCP2155
2.0
DEVICE OPERATION
The MCP2155 is a cost effective, low pin count (18-
pin), easy to use device for implementing IrDA stan-
dard wireless connectivity. The MCP2155 provides
support for the IrDA standard protocol “stack” plus bit
encoding/decoding. The Serial interface and IR baud
rates are independantly selectable.
2.1
Power-up
Any time that the device is powered up (parameter
D003), the Power-up timer delay (parameter 33)
occurs, followed by an Oscillator Start-up Timer (OST)
delay (parameter 32). After these two delays complete,
communication with the device may be initiated. This
communication is from both the infrared transceiver’s
side as well as the controller’s UART interface.
2.2
Device Reset
The MCP2155 is forced into the reset state when the
RESET pin is in the low state. After the RESET pin is
brought to a high state, the Device Reset sequence
occurs. Once the sequence completes, functional
operation begins.
2.3
Clock Source
The MCP2155 requires a clock source to operate. The
frequency of this clock is 11.0592 MHz (electrical spec-
ification parameter 1A). This clock can be supplied by
either a crystal/resonator or as an external clock input.
2.3.1
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
A crystal or ceramic resonator can be connected to the
OSC1
and
OSC2
pins
to
establish
oscillation
(Figure 2-1). The MCP2155 oscillator design requires
the use of a parallel cut crystal. Use of a series cut crys-
tal may give a frequency out of the crystal manufactur-
ers specifications.
FIGURE 2-1:
CRYSTAL OPERATION
(OR CERAMIC
RESONATOR)
TABLE 2-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
TABLE 2-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
2.3.2
EXTERNAL CLOCK IN
For applications where a clock is already available
elsewhere, users may directly drive the MCP2155 pro-
vided that this external clock source meets the AC/DC
timing requirements listed in Section 4.3. Figure 2-2
below shows how an external clock circuit should be
configured.
FIGURE 2-2:
EXTERNAL CLOCK INPUT
OPERATION
See Table 2-1 and Table 2-2 for recommended
values of C1 and C2.
C1
C2
XTAL
OSC2
RS
OSC1
RF
To Internal
MCP2155
see Note
Logic
Note: A series resistor may be required for
AT strip cut crystals.
Freq
OSC1 (C1)
OSC2 (C2)
11.0592 MHz
10 - 22 pF
10 - 22 pF
Higher capacitance increases the stability of the oscil-
lator but also increases the start-up time. These val-
ues are for design guidance only. Since each
resonator has its own characteristics, the user should
consult the resonator manufacturer for appropriate
values of external components.
Freq
OSC1 (C1)
OSC2 (C2)
11.0592 MHz
15 - 30 pF
15 - 30 pF
Higher capacitance increases the stability of the oscil-
lator but also increases the start-up time. These val-
ues are for design guidance only. RS may be required
to avoid overdriving crystals with low drive level spec-
ification.
Since
each
crystal
has
its
own
characteristics, the user should consult the crystal
manufacturer for appropriate values of external com-
ponents.
Clock From
external
MCP2155
OSC1
OSC2
Open
system
21690B.book Page 7 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com