Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 5 Page - Microchip Technology

  MCP2155_13 Datasheet HTML 1Page - Microchip Technology MCP2155_13 Datasheet HTML 2Page - Microchip Technology MCP2155_13 Datasheet HTML 3Page - Microchip Technology MCP2155_13 Datasheet HTML 4Page - Microchip Technology MCP2155_13 Datasheet HTML 5Page - Microchip Technology MCP2155_13 Datasheet HTML 6Page - Microchip Technology MCP2155_13 Datasheet HTML 7Page - Microchip Technology MCP2155_13 Datasheet HTML 8Page - Microchip Technology MCP2155_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 5
MCP2155
TABLE 1-2:
PIN DESCRIPTION
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
SOIC
SSOP
BAUD0
1
1
1
I
ST
BAUD1:BAUD0 specify the baud rate of the device. For more
information see Section 2.5.1.
TXIR
2
2
2
O
—
Asynchronous transmit to Infrared transceiver.
RXIR
3
3
3
I
ST
Asynchronous receive from Infrared transceiver.
RESET
4
4
4
I
ST
Resets the device.
VSS
5
5
5, 6
—
P
Ground reference for logic and I/O pins.
EN
6
6
7
I
TTL
Device enable.
1 = Device is enabled
0 = Device is disabled (low power)
TX
7
7
8
I
TTL
Asynchronous receive; from Host Controller UART.
RX
8
8
9
O
—
Asynchronous transmit; to Host Controller UART.
RI
9
9
10
I
TTL
Ring Indicator. The state of this bit is communicated to the IrDA
Primary Device.
1 = No Ring Indicate Present
0 = Ring Indicate Present
DSR
10
10
11
O
—
Data Set Ready. Indicates that the MCP2155 has established a
valid link with a Primary Device. This signal is locally emulated
and not related to the DTR bit of the IrDA Primary Device.
1 = An IR link has not been established (No IR Link)
0 = An IR link has been established (IR Link)
DTR
11
11
12
I
TTL
Data Terminal Ready. Indicates that the Embedded device con-
nected to the MCP2155 is ready for IR data. The state of this bit
is communicated to the IrDA Primary Device, via the irDA bit car-
ried by IrCOMM.
1 = Embedded device not ready
0 = Embedded device ready
At device power-up, this signal is used with RTS to enter device
ID programming.
1= Enter Device ID programming mode (if RTS is cleared)
0= Do not enter Device ID programming mode
CTS
12
12
13
O
—
Clear to Send. Indicates that the MCP2155 is ready to receive
data form the Host Controller. This signal is locally emulated and
not related to the CTS/RTS bit of the IrDA Primary Device.
1 = Host Controller should not send data
0 = Host Controller may send data
RTS
13
13
14
I
TTL
Request to Send. Indicates that the Host Controller is ready to
receive data from the MCP2155. This signal is locally emulated
and not related to the CTS/RTS bit of the IrDA Primary Device.
1 = Host Controller not ready to receive data
0 = Host Controller ready to receive data
At device power-up, this signal is used with CTS to enter device
ID programming.
1= Do not enter Device ID programming mode
0= Enter Device ID programming mode (if DTR is set)
VDD
14
14
15, 16
—
P
Positive supply for logic and I/O pins.
OSC2
15
15
17
O
—
Oscillator crystal output.
OSC1/CLKIN
16
16
18
I
CMOS
Oscillator crystal input/external clock source input.
Legend:
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS compatible input
21690B.book Page 5 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com