Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 44Page - Microchip Technology MCP2155_13 Datasheet HTML 45Page - Microchip Technology MCP2155_13 Datasheet HTML 46Page - Microchip Technology MCP2155_13 Datasheet HTML 47Page - Microchip Technology MCP2155_13 Datasheet HTML 48Page - Microchip Technology MCP2155_13 Datasheet HTML 49Page - Microchip Technology MCP2155_13 Datasheet HTML 50Page - Microchip Technology MCP2155_13 Datasheet HTML 51Page - Microchip Technology MCP2155_13 Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 49
MCP2155
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP2155:
Infrared Communications Controller
MCP2155T: Infrared Communications Controller
(Tape and Reel)
Temperature Range:
I
=
-40°C to
+85°C
Package:
P
=
Plastic DIP (300 mil, Body), 18-lead
SO
=
Plastic SOIC (300 mil, Body), 18-lead
SS
=
Plastic SSOP (209 mil, Body), 20-lead
Examples:
a)
MCP2155-I/P = Industrial Temp.,
PDIP packaging
b)
MCP2155-I/SO = Industrial Temp.,
SOIC package
c)
MCP2155T-I/SS = Tape and Reel,
Industrial Temp., SSOP package
21690B.book Page 49 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com