Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 23Page - Microchip Technology MCP2155_13 Datasheet HTML 24Page - Microchip Technology MCP2155_13 Datasheet HTML 25Page - Microchip Technology MCP2155_13 Datasheet HTML 26Page - Microchip Technology MCP2155_13 Datasheet HTML 27Page - Microchip Technology MCP2155_13 Datasheet HTML 28Page - Microchip Technology MCP2155_13 Datasheet HTML 29Page - Microchip Technology MCP2155_13 Datasheet HTML 30Page - Microchip Technology MCP2155_13 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 27
MCP2155
4.1
DC Characteristics
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature:
–40
C  TA  +85C (industrial)
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D001
VDD
Supply Voltage
3.0
—
5.5
V
See Figure 4-1
D002
VDR
RAM Data Retention
Voltage (2)
2.0
—
—
V
Device Oscillator/Clock stopped
D003
VPOR
VDD Start Voltage to
ensure Power-on Reset
—VSS
—V
D004
SVDD
VDD Rise Rate to
ensure Power-on Reset
0.05
—
—
V/ms
D010
IDD
Supply Current (3)
—
—
—
4.0
2.2
7.0
mA
mA
FOSC = 11.0592 MHz, VDD = 3.0V
FOSC = 11.0592 MHz, VDD = 5.5V
D020
IPD
Device Disabled
Current (3, 4)
—
—
—
—
2.2
9
µA
µA
VDD = 3.0V
VDD = 5.5V
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
C. This data is for design guid-
ance only and is not tested.
2: This is the limit to which VDD can be lowered without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Pin loading, pin rate, and
temperature have an impact on the current consumption.
a)
The test conditions for all IDD measurements are made when device is enabled (EN pin is high):
OSC1 = external square wave, from rail-to-rail; all input pins pulled to VSS, RXIR = VDD,
RESET = VDD;
b)
When device is disabled (EN pin is low), the conditions for current measurements are the same.
4: When the device is disabled (EN pin is low), current is measured with all input pins tied to VDD or VSS and
the output pins driving a high or low level into infinite impedance.
21690B.book Page 27 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com