Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2155
Description  IrDA짰 Standard Protocol Stack Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2155_13 Datasheet HTML 15Page - Microchip Technology MCP2155_13 Datasheet HTML 16Page - Microchip Technology MCP2155_13 Datasheet HTML 17Page - Microchip Technology MCP2155_13 Datasheet HTML 18Page - Microchip Technology MCP2155_13 Datasheet HTML 19Page - Microchip Technology MCP2155_13 Datasheet HTML 20Page - Microchip Technology MCP2155_13 Datasheet HTML 21Page - Microchip Technology MCP2155_13 Datasheet HTML 22Page - Microchip Technology MCP2155_13 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS21690B-page 19
MCP2155
2.11
Turnaround Latency
An IR link can be compared to a one-wire data connec-
tion. The IR transceiver can transmit or receive, but not
both at the same time. A delay of one bit time is sug-
gested between the time a byte is received and another
byte is transmitted.
2.12
IR Port Baud Rate
The baud rate for the MCP2155 IR port (the TXIR and
RXIR pins) is initially at the default rate of 9600 baud.
The Host controller will determine the maximum baud
rate that the MCP2155 can support. This information is
used during NDM with the Primary device to set the
baud rate of the IR link. The maximum IR baud rate is
not required to be the same as the MCP2155’s serial
port (UART) baud rate (as determined by the
BAUD1:BAUD0 pins).
2.13
Programmable Device ID
The MCP2155 has a flexible feature that allows the
MCP2155 Device ID to be changed by the Host control-
ler. The default ID is “Generic IrDA”, and is stored in
non-volatile electrically erasable programmable mem-
ory (EEPROM). The maximum ID String length is 19
bytes. The format of the ID EEPROM is shown in
Figure 2-11.
The ID String must only contain the ASCII characters
from 20h to 7Ah (inclusive).
The MCP2155 enters into ID String programming when
the MCP2155 exits the reset state and detects that the
DTR pin is High and the RTS pin is Low.
A Host controller connected to the MCP2155 would
typically do the following steps to place the MCP2155
into ID String programming mode:
1.
Force the MCP2155 into reset (RESET pin
forced Low).
2.
Force the DTR pin High and the RTS pin Low.
3.
Release the MCP2155 from reset (RESET pin
forced High).
Once the MCP2155 is ready to receive data, the CTS
pin will be forced low. Data may now be transferred, fol-
lowing the format in Figure 2-11. The CTS pin deter-
mines the flow control, and the Host controller must
monitor this signal to ensure that the data byte may be
sent.
Once the Host controller has sent its last byte, the DTR
pin must be set Low. This ensures that if another reset
occurs, the MCP2155 will not re-enter ID String pro-
gramming mode. The MCP2155 uses the String Length
(1st byte transmitted) to determine when to ID String
programming mode has completed. This returns the
MCP2155 to normal operation.
Example 2-1 show the firmware code for a PIC16Cxxx
acting as the Host controller to modify the MCP2155
Device ID String.
FIGURE 2-11:
ID STRING FORMAT
Note 1: If a non-valid ID String (contains an ASCII
character
not
in
the
valid
range)
is
programmed, the MCP2155 will not create
a link with a primary device.
2: The communication program that is sup-
plied with Microsoft Windows operating sys-
tem (called Hyper Terminal), may leave the
DTR signal High and the RTS signals Low
when the program disconnects, or is closed.
Care should be taken to ensure that this
could not accidently cause the MCP2155 to
enter Device ID Sting Programming.
Length
ID String
1 Byte
1 to 19 Bytes
1st Byte
Transferred
Last Byte
Transferred
21690B.book Page 19 Thursday, January 10, 2013 1:06 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com